Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 35 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 35 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 31Page - Zilog, Inc. Z87L01 Datasheet HTML 32Page - Zilog, Inc. Z87L01 Datasheet HTML 33Page - Zilog, Inc. Z87L01 Datasheet HTML 34Page - Zilog, Inc. Z87L01 Datasheet HTML 35Page - Zilog, Inc. Z87L01 Datasheet HTML 36Page - Zilog, Inc. Z87L01 Datasheet HTML 37Page - Zilog, Inc. Z87L01 Datasheet HTML 38Page - Zilog, Inc. Z87L01 Datasheet HTML 39Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
Z87001/Z87L01
Zilog
ROMless Spread Spectrum Cordless Phone Controller
DS96WRL0800
P R E L I M I N A R Y
35
1
Table 13. Bank 3 Register EXT1
Config 2
Field
Bank 3
Bit Position
EXT1
R/W
Data
Description
ANTENNA_SW_DEFEAT f---------------
R
W0
1
Controls optional antenna switching
(ANT0 and ANT1 pins)
Returns 0
Enables antenna switching
Disables antenna switching
ANTENNA_SW_OFFSET -edcba98--------
R
W
xXh
Controls antenna switching time advancement
Returns 0
Offset in number of 2.048 MHz clock cycles
(<108)
SLEEP_PERIOD
--------76543210
W
00h
01h
•••
FFh
Programs sleep duration in sleep mode Illegal
Sleep period=1 frame (4 ms)
Sleep period = 255 frames (1.020s)
SLEEP_REMAINING
--------76543210
R
00h
01h
•••
FFh
Returns value of sleep counter when sleep mode
is interrupted by a “wake” signal
Normal expiration of sleep counter
One frame left before normal expiration
255 frames left before normal expiration
Notes:
1. SLEEP_PERIOD. In sleep mode, the RFEON pin is active. Changes to this bit take effect immediately.
2. SLEEP_REMAINING. A non-zero value indicates that the Z87001 was awakened by a key press activating one of the wake-up
pins on port 0. In this case, the processor should immediately reset the SLEEP_WAKE field in SSPSTATE to prevent the pro-
cess from going back to sleep when the user key press ceases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com