Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 46 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 46 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 42Page - Zilog, Inc. Z87L01 Datasheet HTML 43Page - Zilog, Inc. Z87L01 Datasheet HTML 44Page - Zilog, Inc. Z87L01 Datasheet HTML 45Page - Zilog, Inc. Z87L01 Datasheet HTML 46Page - Zilog, Inc. Z87L01 Datasheet HTML 47Page - Zilog, Inc. Z87L01 Datasheet HTML 48Page - Zilog, Inc. Z87L01 Datasheet HTML 49Page - Zilog, Inc. Z87L01 Datasheet HTML 50Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
Z87001/Z87L01
ROMless Spread Spectrum Cordless Phone Controller
Zilog
46
P R E L I M I N A R Y
DS96WRL0800
Table 31. Bank 1 Register Description
RESERVED
Field
Bank 1
Bit Position
EXT3
EXT4
EXT5R/W
Data
Description
RESERVED
fedcba9876543210
R
W
0000h
Returns 0
Must be left alone or written to 0000h (or
unpredictable results may occur)
Table 32. Bank 1 Register Description
CONTROL
Field
Bank 1
Bit Position
EXT6
R/W
Data
Description
RESERVED
fedcb-----------
R
W
Returns 0
No effect
FS_INT_ENABLE
-----a----------
R/W
0*
1
Controls frame start interrupt (INT1)
Disables frame start interrupt
Enables frame start interrupt
INTERRUPT_0_ENABLE
------9---------
R/W
0*
1
Controls interrupt 0 (INT0 on P114)
Disables interrupt 0
Enables interrupt 0
INTERRUPT_2_ENABLE
-------8--------
R/W
0*
1
Controls interrupt 2 (INT2 on P115)
Disables interrupt 2
Enables interrupt 2
P0_WAKEUP_ENABLE
--------7654----
R/W
0000*
1xxx
x1xx
xx1x
xxx1
Controls wake-up pins (P0[3..0])
Disables all wake-up pins
Enables P03 as wake-up pin (if in input mode)
Enables P02 as wake-up pin (if in input mode)
Enables P01 as wake-up pin (if in input mode)
Enables P00 as wake-up pin (if in input mode)
TX_PWR_DAC_DATA
------------3210
R/W
Xh
Access to Tx power 4-bit DAC output data
Sets output value
Note:
P0_WAKEUP_ENABLE. When enabled, pins P0[3..0] are active low wake-up pins for the Z87001 sleep mode.
The input signal is internally debounced and synchronized to the bit clock. It is internally given a minimum duration of one bit to
allow the software to exit sleep mode safely.
Table 33. Bank 1 Register Description
RESERVED
Field
Bank 1
Bit Position
EXT7
R/W
Data
Description
RESERVED
fedcba9876543210
R
W
Returns 0
No effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com