Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 6Page - Zilog, Inc. Z87L01 Datasheet HTML 7Page - Zilog, Inc. Z87L01 Datasheet HTML 8Page - Zilog, Inc. Z87L01 Datasheet HTML 9Page - Zilog, Inc. Z87L01 Datasheet HTML 10Page - Zilog, Inc. Z87L01 Datasheet HTML 11Page - Zilog, Inc. Z87L01 Datasheet HTML 12Page - Zilog, Inc. Z87L01 Datasheet HTML 13Page - Zilog, Inc. Z87L01 Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Z87001/Z87L01
ROMless Spread Spectrum Cordless Phone Controller
Zilog
10
P R E L I M I N A R Y
DS96WRL0800
ANALOG CHARACTERISTICS
Table 7. 1-Bit ADC (Temperature: -20/+70
°C)
Parameter
Minimum
Typical
Maximum
Units
Resolution
-
1
-
bit
Power dissipation
0.54
(70
°c)
1.0
(40
°c)
2.75
(-20
°c)
mW
Power dissipation, Stop mode
0.06
(70
°c)
0.2
(40
°c)
1.1
(-20
°c)
mW
Sample frequency
-
8.192
-
MHz
Sample window(1)
29
31
33
ns
Bandwidth
-
60
-
MHz
Supply Range(=AVDD)
Z87L01
Z87001
3.0
4.5
3.6
5.5
V
V
Acquisition time
2
3
8
ns
Settling time
8
10
18
ns
Conversion time
4
6
18
ns
Aperture delay
2
3
8.5
ns
Aperture uncertainty(2)
-
-
0.5
ns
Input voltage range (p-p)
800
1000
1200
mV
Reference voltage
Z87L01
Z87001
1.7 (AVDD= 3V)
2.7 (AVDD=4.5V)
1.9 (AVDD= 3.3V)
3.0 (AVDD= 5V)
2.1 (AVDD= 3.6V)
3.3 (AVDD= 5.5V)
V
V
Input resistance
10
18
25
KOhm
Input capacitance
-
10
-
pF
Notes:
Window of time while input signal is applied to sampling capacitor; see next figure.
Uncertainty in sampling time due to random variations such as thermal noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com