Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 10Page - Zilog, Inc. Z87L01 Datasheet HTML 11Page - Zilog, Inc. Z87L01 Datasheet HTML 12Page - Zilog, Inc. Z87L01 Datasheet HTML 13Page - Zilog, Inc. Z87L01 Datasheet HTML 14Page - Zilog, Inc. Z87L01 Datasheet HTML 15Page - Zilog, Inc. Z87L01 Datasheet HTML 16Page - Zilog, Inc. Z87L01 Datasheet HTML 17Page - Zilog, Inc. Z87L01 Datasheet HTML 18Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
Z87001/Z87L01
ROMless Spread Spectrum Cordless Phone Controller
Zilog
14
P R E L I M I N A R Y
DS96WRL0800
ADPCM Processor Interface
The Z87001 is a peripheral device for the ADPCM Proces-
sor. The interface from the Z87001 perspective is com-
posed of an input address bus, a bidirectional data bus,
strobe and read/write input control signals and a
ready/wait output control signal.
READ CYCLES refer to data transfers from the Z87001 to
the ADPCM Processor.
WRITE CYCLES refer to data transfers from the ADPCM
Processor to the Z87001.
Table 11. Read Cycles
Signal Name
Function
Direction
VXADD[2..0]
Address Bus
ADPCM Proc. to Z87001
VXDATA[7..0]
Data Bus
Bidirectional
VXSTRB
Strobe Control Signal
ADPCM Proc. to Z87001
VXRWB
Read/Write Control Signal
ADPCM Proc. to Z87001
VXRDYB
Ready Control Signal
Z87001 to ADPCM Proc.
Table 12. Write Cycles
No.
Symbol
Parameter
Min
Max
Units
8
TsAS
Address, Read/Write setup time before Strobe falls
10
ns
9
ThSA
Address, Read/Write hold time after Strobe rises
3
ns
10
TaDrS
Data read access time after Strobe falls
30 (1)
ns
11
ThDrS
Data read hold time after Strobe rises
8.5
40 (2)
ns
12
TwS
Strobe pulse width
20
13
TsDwS
Data write setup time before Strobe rises
10
ns
14
ThDwS
Data write hold time after Strobe rises
3
ns
15
TaDrRY
Data read valid before Ready falls
22
ns
16
TdSRY
Strobe high after Ready falls
0
ns
Notes:
1. Requires wait state on ADPCM Processor read cycles
2. Requires no write cycle directly following read cycle on ADPCM Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com