Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 24 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 24 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 20Page - Zilog, Inc. Z87L01 Datasheet HTML 21Page - Zilog, Inc. Z87L01 Datasheet HTML 22Page - Zilog, Inc. Z87L01 Datasheet HTML 23Page - Zilog, Inc. Z87L01 Datasheet HTML 24Page - Zilog, Inc. Z87L01 Datasheet HTML 25Page - Zilog, Inc. Z87L01 Datasheet HTML 26Page - Zilog, Inc. Z87L01 Datasheet HTML 27Page - Zilog, Inc. Z87L01 Datasheet HTML 28Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
Z87001/Z87L01
ROMless Spread Spectrum Cordless Phone Controller
Zilog
24
P R E L I M I N A R Y
DS96WRL0800
OPERATION
Automatic Frequency Control Loop
(Receiver) and Modulator
AFC Loop
The AFC loop consists of a bias estimator block, which de-
termines frequency offsets in the incoming signal, an
adder, to add this bias to the 460 kHz frequency control
word driving the NCO, and various interface points to the
DSP core processor. In particular, the DSP can read the
bias estimate data and substitute its own calculated bias
value to the NCO.
The bias estimator accumulates the discriminator output
values (image of instantaneous frequency) that exceed a
programmable threshold (BIAS_THRESHOLD). The pro-
cessor can freeze the bias calculation any time by reset-
ting the BIAS_ENABLE control bit.
The accumulated bias, available in BIAS_ERROR_DATA,
can be used directly to correct the NCO frequency. Alter-
nately, the estimated bias can be read by the DSP, further
processed, and written to the CORE_BIAS_DATA field.
The DSP controls which value is used by setting the
USE_CORE_BIAS field. The selected value is added to
the 460 kHz signal which downconverts the receive IF sig-
nal.
The CORE_BIAS_DATA and BIAS_ERROR_DATA are
two’s complement numbers in units of 125 Hz.
In addition to correcting the difference in clock frequencies
on the receiver using the AFC loop, a Z87001-base system
can also modify the frequency of the remote transmit IF
signals. The software has access to this frequency through
the MOD_FREQ register fields.
Figure 5. AFC Loop and Processor Control
CORE_BIAS_DATA
BIAS_ERROR_DATA
Second down-
Bias estimator
Downconverter
NCO and bias
USE_CORE_BIAS
DSP Core
Processor
Rx signal
460 kHz
+ bias
convertor,
Discriminator
Discriminator
Output
BIAS_ENABLE
BIAS_THRESHOLD
“0”
adder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com