Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z87L01 Datasheet HTML 1Page - Zilog, Inc. Z87L01 Datasheet HTML 2Page - Zilog, Inc. Z87L01 Datasheet HTML 3Page - Zilog, Inc. Z87L01 Datasheet HTML 4Page - Zilog, Inc. Z87L01 Datasheet HTML 5Page - Zilog, Inc. Z87L01 Datasheet HTML 6Page - Zilog, Inc. Z87L01 Datasheet HTML 7Page - Zilog, Inc. Z87L01 Datasheet HTML 8Page - Zilog, Inc. Z87L01 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
Z87001/Z87L01
Zilog
ROMless Spread Spectrum Cordless Phone Controller
DS96WRL0800
P R E L I M I N A R Y
5
1
Table 1. 144 Pin QFP Pin Configuration
No
Symbol
Function
Direction
1
TX
Analog transmit IF signal
Output
2,141
AGND
Analog ground
–
3
RX
Analog receive IF signal
Input
4,144
AVDD
Analog power supply
–
5
VREF
Analog reference voltage for RX signal
–
6
RFEON
RF on/off control
Output
7,9,11,13,15,17,19,
21,23,25,27,29,31,
136,138,140
addr[15..0]
DSP core program address bus
Output
8,12,14,16,20,22,24,
28,30,32,36,37,39,
41,44,46
P1[15..0]
General-purpose I/O port 1
Input/Output
10,26,43,60,77,88,
109,128
GND
Digital ground
–
18,34,51,68,86,102,
116,131
VDD
Digital power supply
–
33,35,38,40,42,45,
47,49,52,54,56,59,
61,63,66,69
idata[15..0]
DSP core internal data bus
Output
48,50,53,55,57,58,
62,64,65,67,70,72,
73,75,79,80
P0[15..0]
General-purpose I/O port 0
Input/Output
71,74,76,78,81,83,
85,89,91,93,96,98,
100,103,105,107
data[15..0]
DSP core program data bus
Input
82,84
ANT[1..0]
RF antenna diversity control
Output
87
TEST
Test mode select
Input
90
HBSW
Handset/base mode select
Input
92
CLKOUT
Clock, ADPCM processor (16.384 MHz)
Output
94,95,97,99,101,
104,106,108
VXDATA[7..0]
ADPCM processor data bus
Input
110
VXRDYB
ADPCM processor ready
Output
111
eib
External register data strobe
Output
112
VXSTRB
ADPCM processor data strobe
Input
113,117,119,121,
123
iaddr[4..0]
External register address bus
Output
114
VXRWB
ADPCM processor read/write control
Input
115
trice
ROMless mode select
Input
118,120,122
VXADD[2..0]
ADPCM processor address bus
Input
124
CODCLK
Clock to codec (2.048 MHz)
Output
125
irwb
External register read/write control
Output
126
/RESETB
Master reset
Input
127
intenb
Interrupt enable
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com