Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 26 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 26 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 22Page - Zilog, Inc. Z87L01 Datasheet HTML 23Page - Zilog, Inc. Z87L01 Datasheet HTML 24Page - Zilog, Inc. Z87L01 Datasheet HTML 25Page - Zilog, Inc. Z87L01 Datasheet HTML 26Page - Zilog, Inc. Z87L01 Datasheet HTML 27Page - Zilog, Inc. Z87L01 Datasheet HTML 28Page - Zilog, Inc. Z87L01 Datasheet HTML 29Page - Zilog, Inc. Z87L01 Datasheet HTML 30Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
Z87001/Z87L01
ROMless Spread Spectrum Cordless Phone Controller
Zilog
26
P R E L I M I N A R Y
DS96WRL0800
The loop filter is controlled by the DSP core processor. The
DSP core can implement a first order loop by setting the
SECOND_ORDER
field
to
zero.
Typically,
the
BSYNC_GAIN would then be set to “divide-by-1” operation
to provide a wide closed loop bandwidth and thus a quick
acquisition of the bit clock. When the bit clock is in phase
with the input data, the loop bandwidth can be narrowed to
maintain tracking of the receive clock with minimum impact
from signal noise. To reduce the loop bandwidth, the
BSYNC_GAIN can be set to “divide-by-64” the first order
gain, while the integrated tracking error (available to the
DSP in fields INT_SYM_ERR0 and INT_SYM_ERR1) can
be
used
by
the
DSP
software
to
adjust
the
SECOND_ORDER term.
The bit synchronizer relies on transitions in the received bit
stream to operate. The bit inversion logic guarantees
enough transitions for all transferred data.
At the handset, the bit synchronizer must track both fre-
quency and phase of the receive signal’s data clock. At the
base, only the phase must be tracked. The frequency is in-
herently correct since the base is the source of the sys-
tem’s data clock.
Frame Counters
The handset only has one frame counter, which times all
receive and transmit events. The base station has distinct
transmit and receive frame counters. When used in this
document without any explicit reference to either base or
handset, the terms “receive frame counter” and “transmit
frame counter” refer to both sides. For the handset, both
terms refer to the same unique counter.
The frame counters are clocked at the bit rate, or 93.09
kHz (2.048 MHz/22). Each count lasts one bit =
1000/93.09 = 10.74
µs.
Each frame lasts 4 ms, which corresponds to (372 + 8/22)
bits; the frame counters count from 0 to 371, with the last
count lasting a bad longer than the other ones; at the end
of count 371, the counters wrap around to 0.
The “hop” command pulse is asserted to pin SYLE during
count “0” of the frame counter (transmit frame counter on
the base station).
Frame Synchronizer, Timings and
RF Interface
The frame synchronizer tracks the received frames and re-
sets the receive frame counter. The synchronization is per-
formed by recognizing certain data patterns present in the
receive bit stream: a comparison is done on the fly be-
tween the data pattern and the incoming bit stream; when
the data match, the frame counter is reset.
Two possible 16-bit data patterns are pre-programmed in
the Z87001. One is named UW (Unique Word) and is used
in acquisition mode for first-time synchronization to an in-
coming signal. UW can also be used to track an acquired
signal. The second pattern is named SYNC_D and is used
to track the received data frames while voice is being
transferred. The transition from tracking UW to tracking
SYNC_D is controlled by the DSP processor through the
SYNC_SEARCH_WORD field.
UW Synchronization
When the Z87001 matches the UW, the receive frame
counter is reset to the value of UW_LOCATION. This value
is programmable by the DSP processor. On the handset,
where the receive frame counter is used to derive all tim-
ings, UW_LOCATION actually defines the guard time be-
tween the frequency hop command and the beginning of
data reception, which starts at FRAME_COUNTER =
(UW_LOCATION - 84) as shown in the next figure.
On the base station, data reception starts when the receive
frame counter equals (UW_LOCATION - 84), but this has
less significance since the hop pulse is synchronized with
the transmit frame counter and there is no fixed relation-
ship between transmit and receive frame counters. On the
base station, the UW_LOCATION should be set to 301.
Table 2. Bit Synchronizer Control Fields
Field
Register
Bank
EXT
BYSNC_GAIN
SSPSTATE
3
EXT2
INT_SYM_ERR1
BIT_SYNC
1
EXT2
INT_SYM_ERR0
INT_SYM-ERR0
0
EXT6
SECOND_ORDER BIT_SYNC
1
EXT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com