Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 44 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 44 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 40Page - Zilog, Inc. Z87L01 Datasheet HTML 41Page - Zilog, Inc. Z87L01 Datasheet HTML 42Page - Zilog, Inc. Z87L01 Datasheet HTML 43Page - Zilog, Inc. Z87L01 Datasheet HTML 44Page - Zilog, Inc. Z87L01 Datasheet HTML 45Page - Zilog, Inc. Z87L01 Datasheet HTML 46Page - Zilog, Inc. Z87L01 Datasheet HTML 47Page - Zilog, Inc. Z87L01 Datasheet HTML 48Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
Z87001/Z87L01
ROMless Spread Spectrum Cordless Phone Controller
Zilog
44
P R E L I M I N A R Y
DS96WRL0800
Bank 1 Registers
Table 28. Bank 1 Register Description
RATE_BUF_ADDR
Field
Bank 1
Bit Position
EXT0
R/W
Data
Description
RESERVED
f--------------
R
W
Returns 0
No effect
RX_AUTO_INCREMENT -e-------------
R
W0
1
Controls the auto-increment feature of the Rx rate
buffer
Returns 0
Disables auto-increment
Enables auto-increment
RX_BUF_ADDR
--dcba98--------
R
W
00h
...
23h
...
Access to Rx rate buffer address
Returns 0
Address 0
...
Address 23h = 35
Illegal
RESERVED
--------7-------
R
W
Returns 0
No effect
TX_AUTO_INCREMENT ---------6------
R
W0
1
Controls the auto-increment feature of the Tx rate
buffer
Returns 0
Disables auto-increment
Enables auto-increment
TX_BUF_ADDR
----------543210
R
W
00h
...
23h
24h
25h
26h
27h
28h
29h
2Ah
2Bh
2Ch
2Dh
2Eh
2Fh
30h
31h
32h
...
Access to Tx rate buffer address
Returns 0
Address 0
...
Address 23h = 35
Tx/Rx rate buffer address for ADPCM Processor
accesses
Tx/Rx Nibble Marker bits [15..0]
Tx/Rx Nibble Marker bits [31..16]
Tx/Rx Nibble Marker bits [35..32]
MOD_FREQ_DEV 0
MOD_FREQ_DEV 1
MOD_FREQ_DEV 2
MOD_FREQ_DEV 3
MOD_FREQ_DEV 4
MOD_FREQ_DEV 5
MOD_FREQ_DEV 6
MOD_FREQ_DEV 7
MOD_FREQ_DEV 8
MOD_FREQ_DEV 9
MOD_CENTER_FREQ
Illegal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com