Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 37 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 37 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 33Page - Zilog, Inc. Z87L01 Datasheet HTML 34Page - Zilog, Inc. Z87L01 Datasheet HTML 35Page - Zilog, Inc. Z87L01 Datasheet HTML 36Page - Zilog, Inc. Z87L01 Datasheet HTML 37Page - Zilog, Inc. Z87L01 Datasheet HTML 38Page - Zilog, Inc. Z87L01 Datasheet HTML 39Page - Zilog, Inc. Z87L01 Datasheet HTML 40Page - Zilog, Inc. Z87L01 Datasheet HTML 41Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
Z87001/Z87L01
Zilog
ROMless Spread Spectrum Cordless Phone Controller
DS96WRL0800
P R E L I M I N A R Y
37
1
GO_TO_SLEEP
--------------0
R
W
0->1
Command bit to place the Z87001 in sleep mode
Returns last value written
A transition from 0 to 1 causes Z87001 sleep mode
TX_ENABLE
-----a----------
R/W
0*
1
Global enable for all transmit functions
Transmitter disabled
Transmitter enabled
SYNC_SEARCH_WORD
------9---------
R/W
0*
1
Controls the word searched for in search mode
Search for UW pattern (Unique Word)
Search for SYNC_D pattern
SYNC_SEARCH_MODE
-------87-------
R/W
00*
01
10
11
Controls the search mode (and frame synchronization)
No search
Window search (<= UW_LOCATION & WINDOW_SIZE)
Full search (during whole frame)
Not used
HOP_ENABLE
---------6------
R/W
0
1
Enables transmission of the hop pulse on SYLE pin
Hop pulse disabled
Hop pulse enabled
SYNC_ACQ_CLEAR
----------5-----
R
W
1->0
Clears the SYNC_ACQ_IND flag.
Returns last value written
A transition from 1 to 0 clears the flag
FRAME_START_CLEAR
-----------4----
R
W
1->0
Clears the FRAME_START_IND flag
Returns last value written
A transition from 1 to 0 clears the flag
SLEEP_WAKE
------------3---
R/W
0
1
Enable bit for entering sleep mode
Wake mode only
Sleep mode can be activated by GO_TO_SLEEP command
MULTIPLEX_SWITCH
-------------21-
R/W
00*
01
10
11
Controls operation of the transceiver
SMUX (bit inversion and ADPCM Processor access disabled)
STMUX (bit inv. enabled; ADPCM Proc. access disabled)
Reserved
TMUX (bit inversion and ADPCM Processor access enabled)
GO_TO_SLEEP
---------------0
R
W
0->1
Command bit to place the Z87001 in sleep mode
Returns last value written
A transition from 0 to 1 causes Z87001 sleep mode
Notes:
1. DBP_STOP_CLOCK. When this bit is set to 1, the ADPCM Processor clock (CLKOUT) is stopped within two clock periods. When
this bit is set to 0, the ADPCM Processor clock restarts within two clock periods; in every case, the ADPCM Processor clock min-
imum specifications for high time and low time are respected.
2. BSYNC_GAIN. Changes to this bit take effect immediately.
BIAS_ENABLE. This bit is a global enable for the Automatic Frequency Control. When the bit is set, the AFC hardware updates
the current BIAS_ERROR_DATA during specific time windows, controlled by the event trigger hardware and suitable for a good
operation of the AFC. When the bit is reset, the AFC operation is suspended. However, the current BIAS_ERROR_DATA, result-
ing from previous bias estimations, can still be used to bias the downconverter NCO. Changes to the BIAS_ENABLE bit take effect
at the beginning of the frame following the change.
3. TX_ENABLE. Global control for all system transmit functions, including PAON pin control (timing set by the RFTX_PWR_ON/OFF
register fields) and power to the modulator and NCO (timing set by MOD_PWR_ON and the wake/sleep modes).
4. Changes to this bit take effect immediately.
5. HOP_ENABLE. Changes to this bit take effect immediately.
6. SLEEP_WAKE. This bit must be set to enable the core to put itself to sleep via the GO_TO_SLEEP command. The SLEEP_WAKE
bit must be reset to prevent the core to fall back to sleep after it is awaken by one of the Port 0 Wake-up pins when the sleep period
has not expired. If the bit is not reset, the core will fall right back to sleep when the wake-up input is de-asserted (note that by
design, a wake-up input has a minimum of 10 ms duration, to allow the software enough time to safely reset the SLEEP_WAKE
bit).
7. SYNC_AQC_CLEAR. This bit must be set to “1” again after every “clear” operation to allow for the next “clear”.
8. FRAME_START_CLEAR. This bit must be set to “1” again after every “clear” operation to allow for the next ?“clear”.
Table 14. Bank 3 Register Description
SSPSTATE
Field
Bank 3
Bit Position
EXT2
R/W Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com