Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 32 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 32 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 28Page - Zilog, Inc. Z87L01 Datasheet HTML 29Page - Zilog, Inc. Z87L01 Datasheet HTML 30Page - Zilog, Inc. Z87L01 Datasheet HTML 31Page - Zilog, Inc. Z87L01 Datasheet HTML 32Page - Zilog, Inc. Z87L01 Datasheet HTML 33Page - Zilog, Inc. Z87L01 Datasheet HTML 34Page - Zilog, Inc. Z87L01 Datasheet HTML 35Page - Zilog, Inc. Z87L01 Datasheet HTML 36Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
Z87001/Z87L01
ROMless Spread Spectrum Cordless Phone Controller
Zilog
32
P R E L I M I N A R Y
DS96WRL0800
ADDITIONAL FEATURES
Power Control
The Z87001 features several means of measuring and
controlling power levels. One input pin (RSSI) connects an
external “receive signal strength indicator” to a half flash 8-
bit ADC in the Z87001. This ADC is sampled once per
frame during the receive portion of the TDD cycle. The
RSSI value can be accessed in software in the
RSSI_DATA register field. With external multiplexing, the
8-bit ADC can be used for additional purposes.
The RSSI data is used by the software to implement adap-
tive power control. In order to determine whether the RSSI
information is made of signal or noise, the Z87001 includes
logic to measure the signal-to-noise ratio (SNR) of the re-
ceive signal. This SNR value is available at the end of ev-
ery frame in the SNR_ESTIMATE register field. It is also
used by the adaptive frequency hopping algorithm to de-
termine and avoid the noisy channels.
Finally, a 4-bit DAC (resistive ladder) is provided to control
RF power output level. The DAC is under software control
through register field TX_PWR_DAC_DATA.
General-Purpose I/O Ports
The Z87001 includes two general-purpose input/output
ports, P0 and P1, of 16 bit each. The direction of each bit
is independently programmable by setting the register
fields DIRECTION0 and DIRECTION1. Then, the software
can access the input and output values by accessing
DATA0 and DATA1.
Two pins of port P1 (pins 14 and 15), when configured in
input mode, also behave as interrupt pins for the core pro-
cessor. The software can enable or disable each interrupt
by
setting
the
INTERRUPT_0_ENABLE
and
INTERRUPT_2_ENABLE fields. The interrupts are posi-
tive edge-triggered.
Four pins of port P0 (pins 0 to 3), when configured in input
mode, can also be individually programmed as wake-up
pins for the Z87001 (See “Sleep mode”, above).
Table 7. Data and Control Access to Rate Buffers
Field
Register
Bank
Next
RX_AUTO_INCREMENT
RATE_BUF_ADDR
1
EXT0
RX_BUF_ADDR
RATE_BUF_ADDR
1
EXT0
TX_AUTO_INCREMENT
RATE_BUF_ADDR
1
EXT0
TX_BUF_ADDR
RATE_BUF_ADDR
1
EXT0
RX_BUF_DATA
RATE_BUF_DATA
1
EXT0
TX_BUF_DATA
RATE_BUF_ADDR
1
EXT1
TX_BUF_DATA
RATE_BUF_DATA
1
EXT1
RX_BUF_VP_ADDR
RATE_BUF_DATA
1
EXT1
TX_BUF_VP_ADDR
RATE_BUF_DATA
1
EXT1
TX_RX_NIBBLE_MARKER
RATE_BUF_DATA
1
EXT1
Table 8. Power Control
Field
Register
Bank
Ext
RSSI_DATA
RSSI
2
EXT3
SNR_ESTIMATE
RX_CONTROL
2
EXT1
TX_PWR_DAC_DATA
CONTROL
1
EXT6
RSSI_DATA
RSSI
2
EXT3
SNR_ESTIMATE
RX_CONTROL
2
EXT3
Pin
Number
Interrupt
Number
DSP Interrupt
Vector
P1 14
INT0
3FFFh
P1 15
INT2
3FFDh
Table 9. General-Purpose I/O Ports
Field
Register
Bank
Ext
DIRECTION0
GPI00DIR
3
EXT4
DATA0
GPI00DATA
3
EXT5
DIRECTION1
GPI0IDIR
3
EXT6
DATA1
GPI0IDATA
3
EXT7
INTERRUPT_0_ENABLE
CONTROL
1
EXT6
INTERRUPT_1_ENABLE
CONTROL
1
EXT6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com