Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z87L01 Datasheet HTML 1Page - Zilog, Inc. Z87L01 Datasheet HTML 2Page - Zilog, Inc. Z87L01 Datasheet HTML 3Page - Zilog, Inc. Z87L01 Datasheet HTML 4Page - Zilog, Inc. Z87L01 Datasheet HTML 5Page - Zilog, Inc. Z87L01 Datasheet HTML 6Page - Zilog, Inc. Z87L01 Datasheet HTML 7Page - Zilog, Inc. Z87L01 Datasheet HTML 8Page - Zilog, Inc. Z87L01 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
DS96WRL0800
P R E L I M I N A R Y
1
1
PRELIMINARY CUSTOMER PROCUREMENT SPECIFICATION
Z87001/Z87L01
1
ROMLESS SPREAD SPECTRUM
CORDLESS PHONE CONTROLLER
FEATURES
s
Transceiver/Controller Chip Optimized for Implement-
ation of 900 MHz Spread Spectrum Cordless Telephone
–
Adaptive Frequency Hopping
–
Transmit Power Control
–
Error Control Signaling
–
Handset Power Management
–
Support of 32 kbps ADPCM Speech Coding for
High Voice Quality
s
DSP Core Acts as Phone Controller
–
Zilog-Provided Embedded Transceiver Software to
Control Transceiver Operation and Base Station-
Handset Communications Protocol
–
User-Modifiable Software Governs Telephone
Features
s
Transceiver Circuitry Provides Primary Cordless Phone
Communications Functions
–
Digital Downconversion with Automatic Frequency
Control (AFC) Loop
–
FSK Demodulator
–
FSK Modulator
–
Symbol Synchronizer
–
Time Division Duplex (TDD) Transmit and Receive
Buffers
s
On-Chip A/D and D/A to Support 10.7 MHz IF Interface
s
Up to 64 Kw of External Program Memory Accessible by
the DSP Core
s
Bus Interface to Z87010 ADPCM Processor
s
Static CMOS for Low Power Consumption
s
3.0V to 3.6V, -20
°C to +70°C, Z87L01
4.5V to 5.5V, -20
°C to +70°C, Z87001
s
16.384 MHz Base Clock
GENERAL DESCRIPTION
The Z87001 /Z87L01 FHSS Cordless Telephone Trans-
ceiver/Controller is expressly designed to implement a 900
MHz frequency hopping spread spectrum cordless tele-
phone compliant with US FCC regulations for unlicensed
operation. The Z87001 and Z87L01 are distinct 5V and
3.3V versions, respectively, of the core device. For the
sake of brevity, all subsequent references to the Z87001 in
this document also apply to the Z87L01 unless specifically
noted.
The Z87001 is the ROMless version of the Z87000 Spread
Spectrum Controller IC. Specifically intended to facilitate
user specific software development, the Z87001 can ac-
cess up to 64 kwords of external program ROM.
The Z87001 supports a specific cordless phone system
design that uses frequency hopping and digital modulation
to provide extended range, high voice quality, and low sys-
tem costs.
The Z87001 uses a Zilog 16-bit fixed-point two’s comple-
ment static CMOS Digital Signal Processor core as the
phone and RF section controller. The Z87001’s DSP core
processor further supports control of the RF section’s fre-
quency synthesizer for frequency hopping and the genera-
tion of the control messages needed to coordinate incorpo-
ration of the phone’s handset and base station. Additional
on-chip transceiver circuitry supports Frequency Shift Key-
ing modulation/demodulation and multiplexing/demulti-
Device
ROM *
(KWords)
RAM
(Words)
I/O
Lines
Package
Information
Z87001
64
512
32
144-Pin QFP
Z87L01
64
512
32
144-Pin QFP
Note: *Maximum accessible external ROM


Similar Part No. - Z87L01

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87L00 ZILOG-Z87L00 Datasheet
205Kb / 50P
Spread Spectrum Controllers
More results

Similar Description - Z87L01

ManufacturerPart #DatasheetDescription
logo
Rohm
BH4127FV ROHM-BH4127FV Datasheet
125Kb / 9P
IF detector IC for 900MHz spread spectrum cordless phones
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
Spread Spectrum Controllers
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
Spread-Spectrum Transceiver
logo
AMI SEMICONDUCTOR
AMIS-50050 AMI-AMIS-50050 Datasheet
362Kb / 10P
Spread Spectrum Baseband Controller
logo
Maxim Integrated Produc...
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Integrated Circuit Syst...
9DMU0431 ICST-9DMU0431 Datasheet
116Kb / 11P
Spread Spectrum Compatible
REVISION A 09/24/14
9DMV0441 ICST-9DMV0441 Datasheet
252Kb / 12P
Spread Spectrum Compatible
REVISION B 01/26/15
logo
Integrated Device Techn...
9DBV0731 IDT-9DBV0731 Datasheet
205Kb / 16P
Spread Spectrum tolerant
9DMV0141 IDT-9DMV0141 Datasheet
182Kb / 10P
Spread Spectrum Compatible
9DMV0431 IDT-9DMV0431 Datasheet
206Kb / 12P
Spread Spectrum Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com