Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 23 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 23 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 19Page - Zilog, Inc. Z87L01 Datasheet HTML 20Page - Zilog, Inc. Z87L01 Datasheet HTML 21Page - Zilog, Inc. Z87L01 Datasheet HTML 22Page - Zilog, Inc. Z87L01 Datasheet HTML 23Page - Zilog, Inc. Z87L01 Datasheet HTML 24Page - Zilog, Inc. Z87L01 Datasheet HTML 25Page - Zilog, Inc. Z87L01 Datasheet HTML 26Page - Zilog, Inc. Z87L01 Datasheet HTML 27Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
Z87001/Z87L01
ROMless Spread Spectrum Cordless Phone Controller
Zilog
23
P R E L I M I N A R Y
DS96WRL0800
FUNCTIONAL DESCRIPTION (Continued)
The DSP core is characterized by an efficient hardware ar-
chitecture that allows fast arithmetic operations such as
multiplication, addition, subtraction and multiply-accumu-
late of two 16-bit operands. Most instructions are executed
in one clock cycle.
The DSP core is operated at the internal speed of 8.192
MHz. It has an internal RAM memory of 512 16-bit words
divided in two banks. Six register pointers provide circular
buffering capabilities and dual operand fetching. Three
vectored interrupts are complemented by a six-level stack.
One interrupt is used by the transceiver, while the two re-
maining vectors are mapped into port P1. In the phone
system, one of these interrupts is customarily reserved for
the Z87010 ADPCM Processor. The other interrupt can be
used for custom purposes.
The Z87001 may access up to 64K 16 bit words of external
ROM including 4 words for interrupt and reset vectors. The
ROM is mapped at addresses 0000h to 3FFFh, as shown
in Figure 13.
Two 16-Bit General-Purpose I/O Ports
Two 16-bit general-purpose I/O ports are directly accessi-
ble by the DSP core. These input and output pins are typ-
ically used for:
s
Implementation of the phone’s user interface (keypad,
LED, optional display, etc.)
s
Control of phone line interface (on/off hook, ring detect)
s
Control of battery charging and detection of low battery
conditions
s
Implementation of additional features for customizing of
the phone
Z87010 Interface
In addition to providing clock signals to the Z87010 proces-
sor, the Z87001 interfaces to the Z87010 through two dif-
ferent paths:
s
A command/status interface
s
A data interface
The command/status interface consists of two dual-port
registers accessible by both Z87001 and Z87010 DSP
core processors. On the Z87001 side, the registers are
mapped into the DSP core processor’s register interface.
To allow access by the Z87010, the internal command/sta-
tus registers can also be decoded on the pinto of the
Z87001. Arbitration logic resolves access contentions.
The data interface allows the Z87010 processor direct ac-
cess to the Z87001’s receive and transmit rate buffers. The
rate buffers are decoded on the pin to of the Z87001, and
dedicated voice processor interface logic handles the ad-
dressing within the rate buffers.
The physical interface between Z87001 and Z87010 con-
sists of an 8-bit data bus, a 3-bit address bus and control
signals, as summarized in the following:
This bus is controlled by the Z87010. Although in the sys-
tem the Z87010 is enslaved to the Z87001 master, at the
physical level the Z87001 acts as a peripheral of the
Z87010.
The mapping of the command status and data interfaces
from the Z87010 side is given below.
Figure 4. ROM Mapping
Int. Vector 0
Int. Vector 1
Int. Vector 2
Reset Vector
64K
0000h
3FFFh
3FFFh
3FFEh
3FFDh
3FFCh
USER ROM
(EXTERNAL)
VXDATA[7.0]
Data bus
VXADD[2.0]
Address bus
VXSTRB
Data Strobe
VXRWB
Read/Write Control
VXRDYB
Read Control
Interface
Address
(VXADD [2.0])
Read
/Write
Data
(VXDATA[7.0])
Transmit
rate buffer
1W
----3210
Receive
rate buffer
1R
----3210
Command
0
R
76543210
Status
0
W
76543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com