Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 2Page - Zilog, Inc. Z87L01 Datasheet HTML 3Page - Zilog, Inc. Z87L01 Datasheet HTML 4Page - Zilog, Inc. Z87L01 Datasheet HTML 5Page - Zilog, Inc. Z87L01 Datasheet HTML 6Page - Zilog, Inc. Z87L01 Datasheet HTML 7Page - Zilog, Inc. Z87L01 Datasheet HTML 8Page - Zilog, Inc. Z87L01 Datasheet HTML 9Page - Zilog, Inc. Z87L01 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Z87001/Z87L01
ROMless Spread Spectrum Cordless Phone Controller
Zilog
6
P R E L I M I N A R Y
DS96WRL0800
PIN DESCRIPTION (Continued)
129
halt
Halt/ single step control
Input
130
MCLK
Master clock (16.384 MHz)
Input
132
triadd
Program address bus enable
Input
133
PAON
RF transmit enable
Output
134
dspclk
DSP core clock
Output
135
SYLE
RF synthesizer load enable
Output
137
RXSW
Demodulator “on” indication
Output
139
TXSW
RF receive enable
Output
142
PWLV
RF transmit power level
Input
143
RSSI
RF receive signal strength indicator
Input
Table 1. 144 Pin QFP Pin Configuration
No
Symbol
Function
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com