Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 28 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 28 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 24Page - Zilog, Inc. Z87L01 Datasheet HTML 25Page - Zilog, Inc. Z87L01 Datasheet HTML 26Page - Zilog, Inc. Z87L01 Datasheet HTML 27Page - Zilog, Inc. Z87L01 Datasheet HTML 28Page - Zilog, Inc. Z87L01 Datasheet HTML 29Page - Zilog, Inc. Z87L01 Datasheet HTML 30Page - Zilog, Inc. Z87L01 Datasheet HTML 31Page - Zilog, Inc. Z87L01 Datasheet HTML 32Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
Z87001/Z87L01
ROMless Spread Spectrum Cordless Phone Controller
Zilog
28
P R E L I M I N A R Y
DS96WRL0800
The following table summarizes the fields allowing control
of frame synchronization and basic frame timing.
RF Interface
Several control fields are available in the Z87001 register
set to control the timing and polarity of the RF module in-
terface signals.
A first field, RFEON_POLARITY, controls the polarity of
the RFEON pin. This pin should be used to control the
power of the RF module. It is asserted by the Z87001 when
the RF module is in use, and de-asserted in sleep mode.
The sleep mode is used by the handset to save battery life
when no phone call is in process (See “Sleep mode”, be-
low).
The SYLE pin (Synthesizer Load Enable), which carries a
“load enable” pulse that tells an external RF synthesizer to
generate the next RF channel, is controlled by two fields.
The HOP_ENABLE field is a global enable signal for the
SYLE signals. The SYLE_POLARITY field defines the po-
larity of the SYLE pin. The system designer should ensure
that the leading edge of the SYLE pulse triggers channel
hopping.
In addition to the SYLE signal, the interface to the most RF
synthesizers includes two more input lines, “data” and
“clock”, for serial programming of the data values defining
the RF channel. In order to allow interfacing to various
popular synthesizers, the Z87001 does not have dedicated
clock and data lines with fixed timing. Instead, two general
I/O pins from ports P0 and P1 can be controlled in software
by the DSP core to realize any particular interface timing.
This flexibility is made possible by the high speed, single-
cycle architecture of the DSP core.
The transmitter control includes a global enable signal for
all transmit functions: TX_ENABLE. The transmission start
is controlled by the MOD_PWR_ON field. On the base sta-
tion, the value programmed in MOD_PWR_ON is refer-
enced to the transmit frame counter.
Two
additional
fields,
RFTX_PWR_ON
and
RFTX_PWR_OFF, define the duty cycle of the PAON out-
put pin. On the base station, these fields are referenced to
the transmit frame counter. The RFTX_POLARITY bit de-
fines the polarity of the PAON pin. This pin can be used to
control the transmit section and power amplifier of the ex-
ternal RF module.
On the receive side, two fields define the internal timing of
the receiver. The start of reception is controlled by the
DEMOD_PWR_ON field. Stop of reception (and receiver
power down) is controlled by the DEMOD_PWR_OFF
field. On the base station, these fields are referenced to
the receive frame counter. The RXSW output pin follows
the timing defined by the DEMOD_PWR_ON and OFF
fields.
Two
additional
fields,
RFRX_PWR_ON
and
RFRX_PWR_OFF, define the duty cycle of the TXSW out-
put pin. On the base station, these fields are referenced to
the TRANSMIT (!) frame counter. The RFRX_POLARITY
bit defines the polarity of the TXSW and RXSW pins. The
TXSW pin can be used to control the receive section of the
external RF module.
The various timing control registers reviewed in this para-
graph should be programmed differently for handset and
base station. If the same ROM code is used on base and
handset, the software can determine which station it runs
on by reading the HAND_BASE_SEL bit, which reflects
the state of the HBSW pin.
Table 3. Frame Synchronizer Control Fields
Field
Register
Bank
Ext
SYNC_SEARCH-MODE
SSPSTATE
3
EXT2
SYNC_SEARCH_WORD
SSPSTATE
3
EXT2
UW_LOCATION
RX_CONTROL
2
EXT1
WINDOW_SIZE
CONFIG1
3
EXT0
MULTIPLEX_SWITCH
SSPSTATE
3
EXT2
SYNC_ACQ_IND
SSPSTATUS
3
EXT3
SYNC_ACQ_CLEAR
SSPSTATE
3
EXT2
FRAME_COUNTER
SSPSTATUS
3
EXT3
FS_INT_ENABLE
CONTROL
1
EXT6
FRAME_START_IND
SSPSTATUS
3
EXT3
FRAME_START_CLEAR
SSPSTATE
3
EXT2
SYNC_SEARCH-MODE
SSPSTATE
3
EXT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com