Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 41 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 41 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 37Page - Zilog, Inc. Z87L01 Datasheet HTML 38Page - Zilog, Inc. Z87L01 Datasheet HTML 39Page - Zilog, Inc. Z87L01 Datasheet HTML 40Page - Zilog, Inc. Z87L01 Datasheet HTML 41Page - Zilog, Inc. Z87L01 Datasheet HTML 42Page - Zilog, Inc. Z87L01 Datasheet HTML 43Page - Zilog, Inc. Z87L01 Datasheet HTML 44Page - Zilog, Inc. Z87L01 Datasheet HTML 45Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
Z87001/Z87L01
Zilog
ROMless Spread Spectrum Cordless Phone Controller
DS96WRL0800
P R E L I M I N A R Y
41
1
Table 23. Bank 2 Register Description
RSSI
Field
Bank 2
Bit Position
EXT3
R/W
Data
Description
RESERVED
fedcba98--------
R
W
Returns 0
No effect
RSSI_DATA
-------76543210
R
W
XXh
Access to 8-bit ADC (can be used for RSSI data)
Returns latest value on 8-bit DAC
No effect
Note:
RSSI_DATA. This value is sampled once per frame (4ms) approximately at bit 72 (middle) of the received data.
Table 24. Bank 2 Register Description
CORE_BIAS
Field
Bank 2
Bit Position
EXT4
R/W
Data
Description
RESERVED
fed-------------
R
W
Returns 0
No effect
CORE_BIAS_DATA
---cba9876543210
R
W
xXXXh
Stores bias value for correction of downconverter’s
NCO.
Returns 0
Updates bias value
Notes:
CORE_BIAS_DATA.This value is used if the USE_CORE_BIAS register field is set. It is encoded as a 2’s complement number.
The unit is 125 Hz.
Table 25. Bank 2 Register Description
MOD_PWR_CTRL
Field
Bank 2
Bit Position
EXT5
R/W
Data
Description
RESERVED
f---------------
R
W
Returns 0
No effect
MOD_PWR_ON
-edcba98--------
R
W
xXh
Determines modulator turn-on time referenced to the
transmit frame counter
Returns 0
Bits 6-0 of turn-on time (=(x modulo 128) -1)
RESERVED
--------76543210
R
W
Returns 0
No effect
Notes:
1. MOD_PWR_ON. Controls the turn-on time for the internal modulator and NCO. Only the 7 LSBits of the 9-bit value necessary
to encode an event (from frame counter 0 to 371) are programmable. The two MSBits have fixed values which depend on
whether base station or handset is selected: “00” on the base and “01” on the handset. The modulator’s turn-off time occurs
a fixed time (number of bits) after the turn-on time: 144 bits on the base station, 148 bits on the handset.
2. Changes to this value take effect immediately.
3. To disable the modulator continuously, clear TX_ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com