Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 36 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 36 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 32Page - Zilog, Inc. Z87L01 Datasheet HTML 33Page - Zilog, Inc. Z87L01 Datasheet HTML 34Page - Zilog, Inc. Z87L01 Datasheet HTML 35Page - Zilog, Inc. Z87L01 Datasheet HTML 36Page - Zilog, Inc. Z87L01 Datasheet HTML 37Page - Zilog, Inc. Z87L01 Datasheet HTML 38Page - Zilog, Inc. Z87L01 Datasheet HTML 39Page - Zilog, Inc. Z87L01 Datasheet HTML 40Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Z87001/Z87L01
ROMless Spread Spectrum Cordless Phone Controller
Zilog
36
P R E L I M I N A R Y
DS96WRL0800
REGISTER DESCRIPTION (Continued)
Table 14. Bank 3 Register Description
SSPSTATE
Field
Bank 3
Bit Position
EXT2
R/W Data
Description
SW_SYLE
f---------------
R/W 0*
1
Controls accelerated synthesizer programming after sleep
Not Active
Active
STOP_CODCLK
-e--------------
R/W 0*
1
Inhibits toggling of codec clock output during sleep
CODCLK is free running
CODCLK is frozen high
DBP_STOP_CLOCK
--d-------------
R/W 0*
1
Controls toggling of CLKOUT output pin (clock for ADPCM
Processor).
CLKOUT is free running
CLKOUT is frozen high
BSYNC_GAIN
---c------------
R/W 0*
1
Selects gain for first order loop of the bit synchronizer
Nominal gain
Gain divided by 64
BIAS_ENABLE
----b-----------
R/W 0*
1
Controls closed-loop AFC circuit
No new bias estimation is performed (latest estimate used)
Enables BIAS_ERROR_DATA updates
TX_ENABLE
-----a----------
R/W 0*
1
Global enable for all transmit functions
Transmitter disabled
Transmitter enabled
SYNC_SEARCH_WORD ------9---------
R/W 0*
1
Controls the word searched for in search mode
Search for UW pattern (Unique Word)
Search for SYNC_D pattern
SYNC_SEARCH_MODE -------87-------
R/W 00*
01
10
11
Controls the search mode (and frame synchronization)
No search
Window search (<= UW_LOCATION & WINDOW_SIZE)
Full search (during whole frame)
Not used
HOP_ENABLE
---------6------
R/W 0
1
Enables transmission of the hop pulse on SYLE pin
Hop pulse disabled
Hop pulse enabled
SYNC_ACQ_CLEAR
----------5-----
R
W
1->0
Clears the SYNC_ACQ_IND flag.
Returns last value written
A transition from 1 to 0 clears the flag
FRAME_START_CLEAR -----------4----
R
W
1->0
Clears the FRAME_START_IND flag
Returns last value written
A transition from 1 to 0 clears the flag
SLEEP_WAKE
------------3---
R/W 0
1
Enable bit for entering sleep mode
Wake mode only
Sleep mode can be activated by GO_TO_SLEEP
command
MULTIPLEX_SWITCH
-------------21-
R/W 00*
01
10
11
Controls operation of the transceiver
SMUX (bit inversion and ADPCM Processor access
disabled)
STMUX (bit inv. enabled; ADPCM Proc. access disabled)
Reserved
TMUX (bit inversion and ADPCM Processor access
enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com