Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 38 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 38 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 34Page - Zilog, Inc. Z87L01 Datasheet HTML 35Page - Zilog, Inc. Z87L01 Datasheet HTML 36Page - Zilog, Inc. Z87L01 Datasheet HTML 37Page - Zilog, Inc. Z87L01 Datasheet HTML 38Page - Zilog, Inc. Z87L01 Datasheet HTML 39Page - Zilog, Inc. Z87L01 Datasheet HTML 40Page - Zilog, Inc. Z87L01 Datasheet HTML 41Page - Zilog, Inc. Z87L01 Datasheet HTML 42Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
Z87001/Z87L01
ROMless Spread Spectrum Cordless Phone Controller
Zilog
38
P R E L I M I N A R Y
DS96WRL0800
REGISTER DESCRIPTION (Continued)
Table 15. Bank 3 Register Description
SSPSTATUS
Field
Bank 3
Bit Position
EXT3
R/W
Data
Description
FRAME_COUNTER
fedcba987------
R
W
00h
...
173h
...
Current frame counter value
First value at beginning of frame (0)
Last value at end of frame (371)
Illegal values
No effect
RESERVED
---------65----
R
W
Returns 0
No effect
HAND_BASE_SEL
-----------4---
R
W
0
1
Reflects status of Handset/Base select pin (HBSW)
Base (HBSW = 0)
Handset (HBSW = 1)
No effect
SYNC_ACQ_IND
------------3--
R
W
0
1
Indicates detection of a Sync word (UW or SYNC_D
depending on SYNC_SEARCH_WORD search mode)
No sync word detected
Sync word detected
No effect
FRAME_START_IND
------------2--
R
W
0
1
Indicates start of a new frame
No start of new frame (1 written to
FRAME_START_CLR)
New frame started
No effect
RESERVED
-------------10
R
W
Returns 0
No effect
Notes:
FRAME_COUNTER. Read the double-buffered current value of the Frame Counter.
On the handset, a single frame counter is used to clock transmit and receive events.
On the base station, the transmit frame counter value is returned
Table 16. Bank 3 Register Description
GPIO0DIR
Field
Bit 3
Bit Position
EXT4
R/W
Data Description
DIRECTION0
fedcba9876543210
R/W
..0.
..1.
Independent control of Port 0 pin direction
Sets pin in input mode
Sets pin in output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com