| Electronic Components Datasheet Search |
|
Z87L01 Datasheet(PDF) 18 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z87L01 Datasheet(HTML) 18 Page - Zilog, Inc. |
|
18 / 51 page ![]() Z87001/Z87L01 ROMless Spread Spectrum Cordless Phone Controller Zilog 18 P R E L I M I N A R Y DS96WRL0800 PIN FUNCTIONS VDD. Digital power supply. GND. Digital ground. AVDD. Analog power supply. AGND. Analog ground. VREF (analog reference). This signal is the reference volt- age used by the high speed analog comparator to sample the RX input signal. RX (analog input). This is the RX IF receive signal from the RF module, input to the analog comparator and FSK demodulator. It is internally biased to the VREF DC voltage. The IF signal from the RF module should be AC coupled to the RX pin. TX (analog output). This is the IF transmit signal to the RF module, output from the FSK modulator and transmit 4-bit D/A converter. RXSW (output; active high or low programmable). This pin reflects the programming of the demodulator turn-on time. TXSW (output; active high or low programmable). Con- trol for the receive switch on the RF module. Active during receive periods. PAON (output; active high or low programmable). Con- trol for the transmit switch on the RF module. Active during transmit periods. RFEON (output; active high or low programmable). On/off control for the RF module. Active (on) during wake periods. Inactive (off) during sleep periods on the handset. RSSI (analog input). Receive signal strength indicator from RF module, input to the RSSI 8-bit ADC. PWLV (analog output). Power level control for RF module, output from the transmit power 4-bit DAC. SYLE (output). RF synthesizer load enable: latches new frequency hopping control word of external RF synthesiz- er. Programmable polarity. ANT[1..0] (output). Control for optional antenna diversity on the RF module. MCLK (input). Master clock input. CLKOUT (output). Clock output for external ADPCM pro- cessor. CODCLK (output). Clock output for external voice codec. /RESETB (input, active low). Reset signal. VXADD[2..0] (input). Address bus controlled by external ADPCM processor. The Z87001 acts as peripheral of the Z87010 ADPCM processor. VXDATA[7..0](input/output). Read/write data bus con- trolled by external Z87010 ADPCM processor. VXSTRB (input). Data strobe signal for the VXDATA bus, controlled by external Z87010. VXRWB (input). Read/write control for the VXDATA bus, controlled by external Z87010. VXRDYB (output, active low). Ready control for the VX- DATA bus. This signal is driven high (de-asserted) by the Z87001 to insert wait states in the Z87010 ADPCM proces- sor accesses. TEST (input, active high). Main test mode control. Must be set to GND. HBSW (input with internal pull-up). Control for hand- set/base configuration. Must be driven high or not connect- ed for handset, low for base. P0[15..0] (input/output). General-purpose I/O port. Direc- tion is bit-programmable. Pins P0[3..0],when configured in input mode, can also be individually programmed as wake- up pins for the Z87001 (wake-up active low; signal internal- ly debounced and synchronized to the bit clock). P1[15..0] (input/output).General-purpose I/O port. Direc- tion is bit-programmable. Pins P114 and P115, when con- figured in input mode, also behave as individually maskable interrupt pins for the core processor (positive edge-triggered). P0 0 WAKEUP0 P0 1 WAKEUP1 P0 2 WAKEUP2 P0 3 WAKEUP3 P1 14 INT0 P1 15 INT2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |