Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 25 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 25 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 21Page - Zilog, Inc. Z87L01 Datasheet HTML 22Page - Zilog, Inc. Z87L01 Datasheet HTML 23Page - Zilog, Inc. Z87L01 Datasheet HTML 24Page - Zilog, Inc. Z87L01 Datasheet HTML 25Page - Zilog, Inc. Z87L01 Datasheet HTML 26Page - Zilog, Inc. Z87L01 Datasheet HTML 27Page - Zilog, Inc. Z87L01 Datasheet HTML 28Page - Zilog, Inc. Z87L01 Datasheet HTML 29Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
Z87001/Z87L01
ROMless Spread Spectrum Cordless Phone Controller
Zilog
25
P R E L I M I N A R Y
DS96WRL0800
OPERATION (Continued)
Modulator Control
The MOD_FREQ fields specify the carrier center frequen-
cy (should be programmed to 2.508 MHz) and deviation for
the FSK signal (should be programmed to
± 32.58 kHz). In
addition, wave shaping is performed on bit transitions, in
order to satisfy FCC regulations. Up to four different inter-
mediate deviation values are programmable for each of
the two FSK states. The MOD_FREQ fields are program-
mable in units of 62.5 Hz.
Bit Synchronizer
The bit synchronizer circuit is an implementation of the
Data-Transition-Tracking Loop (DTTL), best described in
“Telecommunications Systems Engineering”, by W. Lind-
sey and M. Simon (Dover 1973; oh. 9 p. 442). Its operation
is summarized in the following block diagram.
Table 1. AFC and Modulator Control Fields
Field
Register
Bank
EXT
BIAS_THRESHOLD
CONFIG1
3
EXT0
BIAS_ENABLE
SSPSTATE
3
EXT2
BIAS_ERROR_DATA
BIAS_ERROR
2
EXT2
CORE_BIAS_DATA
CORE_BIAS
2
EXT4
Figure 6. Bit Synchronizer Loop and Processor Control
In-phase
Matched
Filter
Mid-phase
Matched
Filter
Transition
Detection
Error
Magnitude
Signed
Error
DSP Core
Processor
Discriminator
Output
BSYNC_GAIN
SECOND_ORDER
“by 1”
Loop Filter
Clock
Generator
Recovered
“by 64”
division
INT_SYM_ERR0
INT_SYM_ERR1
first order
Bit clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com