Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 43 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 43 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 39Page - Zilog, Inc. Z87L01 Datasheet HTML 40Page - Zilog, Inc. Z87L01 Datasheet HTML 41Page - Zilog, Inc. Z87L01 Datasheet HTML 42Page - Zilog, Inc. Z87L01 Datasheet HTML 43Page - Zilog, Inc. Z87L01 Datasheet HTML 44Page - Zilog, Inc. Z87L01 Datasheet HTML 45Page - Zilog, Inc. Z87L01 Datasheet HTML 46Page - Zilog, Inc. Z87L01 Datasheet HTML 47Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
Z87001/Z87L01
Zilog
ROMless Spread Spectrum Cordless Phone Controller
DS96WRL0800
P R E L I M I N A R Y
43
1
Table 27. Bank 2 Register Description
RFTX_PWR_CTRL
Field
Bank 2
Bit Position
EXT7
R/W
Data
Description
RFTX_POLARITY
f---------------
R
W0
1
Controls the polarity of the PAON output pin
Returns 0
Active high
Active Low
RFTX_PWR_ON
-edcba98--------
R
W
xXh
Determines PAON output pin turn-on time
referenced to the transmit frame counter
Returns 0
Bits 6-0 of turn-on time (=(x modulo 128) -1)
RESERVED
--------7-------
R
W
Returns 0
No effect
RFTX_PWR_OFF
---------6543210
R
W
xXh
Determine PAON output pin turn-off time
referenced to the transmit frame counter
Returns 0
Bits 6-0 of turn-off time (=(x modulo 128) -1)
Notes:
1. RFTX_PWR_ON, RFTX_PWR_OFF. Controls the PAON output pin, and thereby the external RF module’s transmitter.
The turn-on and off times are given in number of transmitted bit periods and are referenced to the transmit Frame Counter.
Only the 7 LSBits of the 9-bit value are programmable. The two MSBits have fixed values which depend on whether base
station or handset is selected. For RFTX_PWR_ON, the two bits are “00” on the base and “01” on the handset. For
RFTX_PWR_OFF, the two bits are “01” on the base and “10” on the handset.
2. Changes to these values take effect immediately.
3. To disable the transmitter continuously, clear TX_ENABLE in SSP_STATE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com