Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 45 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 45 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 41Page - Zilog, Inc. Z87L01 Datasheet HTML 42Page - Zilog, Inc. Z87L01 Datasheet HTML 43Page - Zilog, Inc. Z87L01 Datasheet HTML 44Page - Zilog, Inc. Z87L01 Datasheet HTML 45Page - Zilog, Inc. Z87L01 Datasheet HTML 46Page - Zilog, Inc. Z87L01 Datasheet HTML 47Page - Zilog, Inc. Z87L01 Datasheet HTML 48Page - Zilog, Inc. Z87L01 Datasheet HTML 49Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
Z87001/Z87L01
ROMless Spread Spectrum Cordless Phone Controller
Zilog
45
P R E L I M I N A R Y
DS96WRL0800
REGISTER DESCRIPTION (Continued)
Table 29. Bank 1 Register Description
RATE_BUF_DATA
Field
Bank 1
Bit Position
EXT1
R/W
Data
Description
RX_BUF_DATA
------------3210
RXh
Access to the Rx rate buffer data
Reads value at current RX_BUF_ADDR
address (0 to 23h)
TX_BUF_DATA
------------3210
W
XXXXh
Access to the Tx rate buffer data
Writes value at current TX_BUF_ADDR address
(0 to 23h)
TX_BUF_VP_ADDR
--dcba98--------
W
XXh
Sets the initialization value of the Tx rate buffer
address used for ADPCM Processor accesses
Writes initialization value (TX_BUF_ADDR
address= 24h)
RX_BUF_VP_ADDR
----------543210
W
XXh
Sets the initialization value of the Rx rate buffer
address used for ADPCM Processor accesses
Writes initialization value (TX_BUF_ADDR
address= 24h)
TX_RX_NIBBLE_MARKER fedcba9876543210
W
XXXXh
Sets the Nibble Marker register for Tx and Rx
rate buffer accesses by ADPCM Processor
Write nibble marker value (TX_BUF_ADDR=
25h to 27h)
MOD_FREQ
fedcba9876543210
W
XXXXh
Access to modulator settings
Writes modulator setting value
(TX_BUF_ADDR=28h to 32h)
Note:
The meaning and address for any RATE_BUF_DATA is set in the RATE_BUF_ADDR register.
MOD_FREQ. The unit for center frequency and frequency deviation words is 62.5 Hz.
These words are encoded as 2’s complement numbers.
The meaning and address for any RATE_BUF_DATA is set in the RATE_BUF_ADDR register.
MOD_FREQ. The unit for center frequency and frequency deviation words is 62.5 Hz.
These words are encoded as 2’s complement numbers.
Table 30. Bank 1 Register Description
BIT_SYNC
Field
Bank 1
Bit Position
EXT2
R/W
Data
Description
INT_SYM_ERR1
fedcba9876543210
R
XXXXh
Read access to the integrated symbol error from the bit
synchronizer’s second order loop
Reads error data bits [23..8] (bits [7..0] are in bank 0,
EXT6)
SECOND_ORDER
fedcba9876543210
W
XXXXh
Write access to the bit synchronizer’s second-order loop
Writes second order loop’s 16-bit value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com