Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 40 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 40 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 36Page - Zilog, Inc. Z87L01 Datasheet HTML 37Page - Zilog, Inc. Z87L01 Datasheet HTML 38Page - Zilog, Inc. Z87L01 Datasheet HTML 39Page - Zilog, Inc. Z87L01 Datasheet HTML 40Page - Zilog, Inc. Z87L01 Datasheet HTML 41Page - Zilog, Inc. Z87L01 Datasheet HTML 42Page - Zilog, Inc. Z87L01 Datasheet HTML 43Page - Zilog, Inc. Z87L01 Datasheet HTML 44Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
Z87001/Z87L01
ROMless Spread Spectrum Cordless Phone Controller
Zilog
40
P R E L I M I N A R Y
DS96WRL0800
Bank 2 Registers
.
Table 20. Bank 2 Register Description
VP_INOUT
Field
Bank 2
Bit Position
EXT0
R/W
Data
Description
RESERVED
fedcba98--------
R
W
Returns 0
No effect
VP_STATUS
--------76543210
R
XXh
Access to ADPCM Processor’s Command/Status
mailbox
Reads Status byte from ADPCM Processor
VP_COMMAND
--------76543210
W
XXh
Access to ADPCM Processor’s Command/Status
mailbox
Writes Command byte to ADPCM Processor
Table 21. Bank 2 Register Description
RX_CONTROL
Field
Bank 2
Bit Position
EXT1
R/W
Data
Description
SNR_ESTIMATE
fedcba9876543210
R
XXXXh
Access to channel measurement (SNR) estimate
Returns the SNR value
UW_LOCATION
-------876543210
W
XXXXh
Location of the Unique Word
Initializes the value that the receive frame counter
is set to on detection of the Unique Word
Notes:
SNR_ESTIMATE. This value is updated every frame. It should be read by
the software during the frequency hopping guard time of the next frame.
Table 22. Bank 2 Register Description
BIAS_ERROR
Field
Bank 2
Bit Position
EXT2
R/W
Data
Description
BIAS_ERROR_DATA
fedcba9876543210
R
W
XXXXh
Access to the bias estimate from the AFC loop.
Current bias estimate value
No effect
Notes:
BIAS_ERROR_DATA. This value is used to bias the downconverter’s NCO if the USE_CORE_BIAS register field is reset. It is en-
coded as a 2’s complement number. The unit is 125 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com