Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 314 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 314 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 310Page - Infineon Technologies AG PEB2256HT Datasheet HTML 311Page - Infineon Technologies AG PEB2256HT Datasheet HTML 312Page - Infineon Technologies AG PEB2256HT Datasheet HTML 313Page - Infineon Technologies AG PEB2256HT Datasheet HTML 314Page - Infineon Technologies AG PEB2256HT Datasheet HTML 315Page - Infineon Technologies AG PEB2256HT Datasheet HTML 316Page - Infineon Technologies AG PEB2256HT Datasheet HTML 317Page - Infineon Technologies AG PEB2256HT Datasheet HTML 318Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
314
2002-08-27
XLSC
Transmit Line Status Change
XLSC is set with the rising edge of the bit FRS1.XLO or with any
change of bit FRS1.XLS.
The actual status of the transmit line monitor can be read from the
FRS1.XLS and FRS1.XLO.
XPR
Transmit Pool Ready - HDLC Channel 1
A data block of up to 32 bytes can be written to the transmit FIFO.
XPR enables the fastest access to XFIFO. It has to be used for
transmission of long frames, back-to-back frames or frames with
shared flags.
Interrupt Status Register 2 (Read)
All bits are reset when ISR2 is read.
If bit GCR.VIS is set, interrupt statuses in ISR2 are flagged although they are masked by
register IMR2. However, these masked interrupt statuses neither generate a signal on
INT, nor are visible in register GIS.
FAR
Frame Alignment Recovery
The framer has reached doubleframe synchronization. Set when bit
FRS0.LFA is reset. It is set also after alarm simulation is finished and
the receiver is still synchronous.
LFA
Loss of Frame Alignment
The framer has lost synchronization and bit FRS0.LFA is set. It is set
during alarm simulation.
MFAR
Multiframe Alignment Recovery
Set when the framer has found two CRC-multiframes at an interval of
n
× 2 ms (n = 1, 2, 3, and so forth) without a framing error. At the
same time bit FRS0.LMFA is reset.
It is set also after alarm simulation is finished and the receiver is still
synchronous. Only active if CRC-multiframe format is selected.
70
ISR2
FAR
LFA
MFAR
T400MS
AIS
LOS
RAR
RA
(6A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com