Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 313 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 313 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 309Page - Infineon Technologies AG PEB2256HT Datasheet HTML 310Page - Infineon Technologies AG PEB2256HT Datasheet HTML 311Page - Infineon Technologies AG PEB2256HT Datasheet HTML 312Page - Infineon Technologies AG PEB2256HT Datasheet HTML 313Page - Infineon Technologies AG PEB2256HT Datasheet HTML 314Page - Infineon Technologies AG PEB2256HT Datasheet HTML 315Page - Infineon Technologies AG PEB2256HT Datasheet HTML 316Page - Infineon Technologies AG PEB2256HT Datasheet HTML 317Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
313
2002-08-27
RDO
Receive Data Overflow - HDLC Channel 1
This interrupt status indicates that the CPU did not respond fast
enough to an RPF or RME interrupt and that data in RFIFO has been
lost. Even when this interrupt status is generated, the frame continues
to be received when space in the RFIFO is available again.
Note: Whereas the bit RSIS.RDO in the frame status byte indicates
whether an overflow occurred when receiving the frame
currently accessed in the RFIFO, the ISR1.RDO interrupt
status is generated as soon as an overflow occurs and does
not necessarily pertain to the frame currently accessed by the
processor.
ALLS
All Sent - HDLC Channel 1
This bit is set if the last bit of the current frame has been sent
completely and XFIFO is empty. This bit is valid in HDLC mode only.
XDU
Transmit Data Underrun - HDLC Channel 1
Transmitted frame was terminated with an abort sequence because
no data was available for transmission in XFIFO and no XME was
issued.
Note: Transmitter and XFIFO are reset and deactivated if this
condition occurs. They are reactivated not before this interrupt
status register has been read. Thus, XDU should not be
masked by register IMR1.
XMB
Transmit Multiframe Begin
This bit is set every 2 ms with the beginning of a transmitted
multiframe related to the internal transmit line interface timing.
Just before setting this bit registers XS(16:1) are copied in the
transmit shift registers. The registers XS(16:1) are empty and has to
be updated otherwise the contents is retransmitted.
SUEX
Signaling Unit Error Threshold Exceeded - HDLC Channel 1
Masks the indication by interrupt that the selected error threshold for
SS7 signaling units has been exceeded.
0 =
Signaling unit error count below selected threshold
1 =
Signaling unit error count exceeded selected threshold
Note: SUEX is only valid, if SS7 mode is selected.
If SUEX is caused by an aborted/invalid frame, the interrupt will be
issued regularly until a valid frame is received (e.g. a FISU).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com