Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 310 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 310 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 306Page - Infineon Technologies AG PEB2256HT Datasheet HTML 307Page - Infineon Technologies AG PEB2256HT Datasheet HTML 308Page - Infineon Technologies AG PEB2256HT Datasheet HTML 309Page - Infineon Technologies AG PEB2256HT Datasheet HTML 310Page - Infineon Technologies AG PEB2256HT Datasheet HTML 311Page - Infineon Technologies AG PEB2256HT Datasheet HTML 312Page - Infineon Technologies AG PEB2256HT Datasheet HTML 313Page - Infineon Technologies AG PEB2256HT Datasheet HTML 314Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
310
2002-08-27
Receive Byte Count Low - HDLC Channel 1 (Read)
Together with RBCH, bits RBC(11:8), indicates the length of a
received frame (1 to 4095 bytes). Bits RBC(4:0) indicate the number
of valid bytes currently in RFIFO. These registers must be read by the
CPU following a RME interrupt.
Received Byte Count High - HDLC Channel 1 (Read)
Value after reset: 000
xxxxx
OV
Counter Overflow - HDLC Channel 1
More than 4095 bytes received.
RBC(11:8)
Receive Byte Count - HDLC Channel 1 (most significant bits)
Together with RBCL, bits RBC(7:0) indicates the length of the
received frame.
Interrupt Status Register 0 (Read)
Value after reset: 00
H
All bits are reset when ISR0 is read.
If bit GCR.VIS is set, interrupt statuses in ISR0 are flagged although they are masked by
register IMR0. However, these masked interrupt statuses neither generate a signal on
INT, nor are visible in register GIS.
RME
Receive Message End - HDLC Channel 1
One complete message of length less than 32 bytes, or the last part
of a frame at least 32 bytes long is stored in the receive FIFO,
including the status byte.
70
RBCL
RBC7
RBC0
(66)
70
RBCH
OV
RBC11
RBC10
RBC9
RBC8
(67)
70
ISR0
RME
RFS
T8MS
RMB
CASC
CRC4
SA6SC
RPF
(68)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com