Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 308 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 308 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 304Page - Infineon Technologies AG PEB2256HT Datasheet HTML 305Page - Infineon Technologies AG PEB2256HT Datasheet HTML 306Page - Infineon Technologies AG PEB2256HT Datasheet HTML 307Page - Infineon Technologies AG PEB2256HT Datasheet HTML 308Page - Infineon Technologies AG PEB2256HT Datasheet HTML 309Page - Infineon Technologies AG PEB2256HT Datasheet HTML 310Page - Infineon Technologies AG PEB2256HT Datasheet HTML 311Page - Infineon Technologies AG PEB2256HT Datasheet HTML 312Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
308
2002-08-27
Receive Signaling Status Register (Read)
RSIS relates to the last received HDLC frame; it is copied into RFIFO when end-of-frame
is recognized (last byte of each stored frame).
VFR
Valid Frame - HDLC Channel 1
Determines whether a valid frame has been received.
1=
Valid
0 =
Invalid
An invalid frame is either
– a frame which is not an integer number of 8 bits (n
×8 bits) in length
(e.g. 25 bits), or
– a frame which is too short taking into account the operation mode
selected by MODE (MDS(2:0)) and the selection of receive CRC
on/off (CCR2.RCRC) as follows:
• MDS(2:0) = 011 (16 bit Address),
RCRC = 0: 4 bytes; RCRC = 1: 3 or 4 bytes
• MDS(2:0) = 010 (8 bit Address),
RCRC = 0: 3 bytes; RCRC = 1: 2 or 3 bytes
Note:Shorter frames are not reported.
RDO
Receive Data Overflow - HDLC Channel 1
A RFIFO data overflow has occurred during reception of the frame.
Additionally, an interrupt can be generated (refer to ISR1.RDO/
IMR1.RDO).
CRC16
CRC16 Compare/Check - HDLC Channel 1
0 =
CRC check failed; received frame contains errors.
1 =
CRC check o.k.; received frame is error-free.
RAB
Receive Message Aborted - HDLC Channel 1
This bit is set in SS7 mode, if the maximum number of octets (272+7)
is exceeded. The received frame was aborted from the transmitting
station. According to the HDLC protocol, this frame must be discarded
by the receiver station.
70
RSIS
VFR
RDO
CRC16
RAB
HA1
HA0
LA
(65)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com