Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 304 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 304 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 300Page - Infineon Technologies AG PEB2256HT Datasheet HTML 301Page - Infineon Technologies AG PEB2256HT Datasheet HTML 302Page - Infineon Technologies AG PEB2256HT Datasheet HTML 303Page - Infineon Technologies AG PEB2256HT Datasheet HTML 304Page - Infineon Technologies AG PEB2256HT Datasheet HTML 305Page - Infineon Technologies AG PEB2256HT Datasheet HTML 306Page - Infineon Technologies AG PEB2256HT Datasheet HTML 307Page - Infineon Technologies AG PEB2256HT Datasheet HTML 308Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
304
2002-08-27
If this bit is reset the error counter is permanently updated in the
buffer. For correct read access of the error counter bit DEC.DCEC3
has to be set. With the rising edge of this bit updating of the buffer is
stopped and the error counter is reset. Bit DEC.DCEC3 is reset
automatically with reading the error counter high byte.
If FMR1.ECM is set every second (interrupt ISR3.SEC) the error
counter is latched and then automatically reset. The latched error
counter state should be read within the next second.
Receive S
a4-Bit Register (Read)
RS4(7:0)
Receive S
a4-Bit Data (Y-Bits)
RS5(7:0)
Receive S
a5-Bit Data
RS6(7:0)
Receive S
a6-Bit Data
RS7(7:0)
Receive S
a7-Bit Data
RS8(7:0)
Receive S
a8-Bit Data
This register contains the information of the eight S
ax bits (x = 4 to 8)
of the previously received CRC multiframe. These registers are
updated with every multiframe begin interrupt ISR0.RMB.
RS40 is received in bit-slot 4 of every service word in frame 1, RS47
in frame 15
RS50 is received in bit-slot 5, time slot 0, frame 1, RS57 in frame 15
RS60 is received in bit-slot 6, time slot 0, frame 1, RS67 in frame 15
RS70 is received in bit-slot 7, time slot 0, frame 1, RS77 in frame 15
RS80 is received in bit-slot 8, time slot 0, frame 1, RS87 in frame 15
Valid if CRC multiframe format is enabled by setting bits
FMR2.RFS1 = 1 or FMR2.RFS(1:0) = 01 (doubleframe format).
70
RSA4
RS47
RS40
(5C)
RSA5
RS57
RS50
(5D)
RSA6
RS67
RS60
(5E)
RSA7
RS77
RS70
(5F)
RSA8
RS87
RS80
(60)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com