Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 303 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 303 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 299Page - Infineon Technologies AG PEB2256HT Datasheet HTML 300Page - Infineon Technologies AG PEB2256HT Datasheet HTML 301Page - Infineon Technologies AG PEB2256HT Datasheet HTML 302Page - Infineon Technologies AG PEB2256HT Datasheet HTML 303Page - Infineon Technologies AG PEB2256HT Datasheet HTML 304Page - Infineon Technologies AG PEB2256HT Datasheet HTML 305Page - Infineon Technologies AG PEB2256HT Datasheet HTML 306Page - Infineon Technologies AG PEB2256HT Datasheet HTML 307Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
303
2002-08-27
If FMR1.ECM is set every second (interrupt ISR3.SEC) the error
counter is latched and then reset automatically. The latched error
counter state should be read within the next second.
CRC Error Counter 3 (Read)
CE(15:0)
CRC Error Counter (detected at T Reference Point in S
a6 -Bit)
GCR.ECMC = 0: If doubleframe format is selected, CEC3H/L has no
function. If CRC-multiframe mode is enabled, CEC3H/L works as S
a6-
bit error indication counter (16 bits) which counts the S
a6-bit
sequence 0010 and 0011in every received CRC submultiframe.
Incrementing the counter is only possible in the multiframe
synchronous state FRS0.LMFA = 0.
S
a6-bit sequence: SA61, SA62, SA63, SA64 = 0010 or 0011 where
SA61 is received in frame 1 or 9 in every multiframe. The error
counter does not roll over.
During alarm simulation, the counter is incremented once per
submultiframe up to its saturation.
CE(7:2)
Multiframe Counter
GCR.ECMC = 1: This 6 bit counter increments with each multiframe
period in the asynchronous state FRS0.LFA/LMFA = 1.
During alarm simulation, the counter is incremented once per
multiframe up to its saturation.
CE(1:0)
Change of Frame Alignment Counter
GCR.ECMC = 1: This 2 bit counter increments with each detected
change of frame/multiframe alignment. The error counter does not roll
over.
During alarm simulation, the counter is incremented once per
multiframe up to its saturation.
Clearing and updating the counter is done according to bit
FMR1.ECM.
70
CEC3L
CE7
CE0
(5A)
70
CEC3H
CE15
CE8
(5B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com