Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 300 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 300 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 296Page - Infineon Technologies AG PEB2256HT Datasheet HTML 297Page - Infineon Technologies AG PEB2256HT Datasheet HTML 298Page - Infineon Technologies AG PEB2256HT Datasheet HTML 299Page - Infineon Technologies AG PEB2256HT Datasheet HTML 300Page - Infineon Technologies AG PEB2256HT Datasheet HTML 301Page - Infineon Technologies AG PEB2256HT Datasheet HTML 302Page - Infineon Technologies AG PEB2256HT Datasheet HTML 303Page - Infineon Technologies AG PEB2256HT Datasheet HTML 304Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
300
2002-08-27
CRC Error Counter 1 (Read)
CR(15:0)
CRC Errors
No function if doubleframe format is selected.
In CRC-multiframe mode, the 16-bit counter is incremented when a
CRC-submultiframe has been received with a CRC error. CRC errors
are not counted during asynchronous state. The error counter does
not roll over.
During alarm simulation, the counter is incremented once per
submultiframe up to its saturation.
Clearing and updating the counter is done according to bit
FMR1.ECM.
If this bit is reset the error counter is permanently updated in the
buffer. For correct read access of the error counter bit DEC.DCEC1
has to be set. With the rising edge of this bit updating the buffer is
stopped and the error counter is reset. Bit DEC.DCEC1 is reset
automatically with reading the error counter high byte.
If FMR1.ECM is set every second (interrupt ISR3.SEC) the error
counter is latched and then automatically reset. The latched error
counter state should be read within the next second.
70
CEC1L
CR7
CR0
(54)
70
CEC1H
CR15
CR8
(55)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com