Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 298 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 298 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 294Page - Infineon Technologies AG PEB2256HT Datasheet HTML 295Page - Infineon Technologies AG PEB2256HT Datasheet HTML 296Page - Infineon Technologies AG PEB2256HT Datasheet HTML 297Page - Infineon Technologies AG PEB2256HT Datasheet HTML 298Page - Infineon Technologies AG PEB2256HT Datasheet HTML 299Page - Infineon Technologies AG PEB2256HT Datasheet HTML 300Page - Infineon Technologies AG PEB2256HT Datasheet HTML 301Page - Infineon Technologies AG PEB2256HT Datasheet HTML 302Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
298
2002-08-27
Framing Error Counter (Read)
FE(15:0)
Framing Errors
This 16-bit counter is incremented when a FAS word has been
received with an error.
Framing errors are counted during basic frame synchronous state
only (but even if multiframe synchronous state is not reached yet).
During alarm simulation, the counter is incremented every 250
µs up
to its saturation. The error counter does not roll over.
Clearing and updating the counter is done according to bit
FMR1.ECM.
If this bit is reset the error counter is permanently updated in the
buffer. For correct read access of the error counter bit DEC.DFEC has
to be set. With the rising edge of this bit updating the buffer is stopped
and the error counter is reset. Bit DEC.DFEC is reset automatically
with reading the error counter high byte.
If FMR1.ECM is set every second (interrupt ISR3.SEC) the error
counter is latched and then automatically reset. The latched error
counter state should be read within the next second.
70
FECL
FE7
FE0
(50)
70
FECH
FE15
FE8
(51)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com