Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 294 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 294 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 290Page - Infineon Technologies AG PEB2256HT Datasheet HTML 291Page - Infineon Technologies AG PEB2256HT Datasheet HTML 292Page - Infineon Technologies AG PEB2256HT Datasheet HTML 293Page - Infineon Technologies AG PEB2256HT Datasheet HTML 294Page - Infineon Technologies AG PEB2256HT Datasheet HTML 295Page - Infineon Technologies AG PEB2256HT Datasheet HTML 296Page - Infineon Technologies AG PEB2256HT Datasheet HTML 297Page - Infineon Technologies AG PEB2256HT Datasheet HTML 298Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
294
2002-08-27
Framer Receive Status Register 1 (Read)
EXZD
Excessive Zeros Detected
Significant only, if excessive zero detection has been enabled
(FMR0.EXZE = 1). Set after detection of more than 3 (HDB3 code) or
15 (AMI code) contiguous zeros in the received data stream.
This bit is cleared on read.
TS16RA
Receive Time Slot 16 Remote Alarm
This bit contains the actual information of the received remote alarm
bit RS1.2 in time slot 16. Setting and resetting of this bit causes an
interrupt status change ISR3.RA16.
TS16LOS
Receive Time Slot 16 Loss-of-Signal
This bit is set if the incoming TS16 data stream contains always zeros
for at least 16 contiguously received time slots. A one in a time slot 16
resets this bit.
TS16AIS
Receive Time Slot 16 Alarm Indication Signal
The detection of the alarm indication signal in time slot 16 is according
to ITU-T G.775.
This bit is set if the incoming TS16 contains less than 4 zeros in each
of two consecutive TS16 multiframe periods. This bit is cleared if two
consecutive received CAS multiframe periods contains more than 3
zeros or the multiframe pattern was found in each of them. This bit is
cleared if TS0 synchronization is lost.
TS16LFA
Receive Time Slot 16 Loss of Multiframe Alignment
0 =
The CAS controller is in synchronous state after frame
alignment is accomplished.
1 =
This bit is set if the framing pattern "0000" in 2 consecutive CAS
multiframes were not found or in all TS16 of the preceding
multiframe all bits were reset. An interrupt ISR3.LMFA16 is
generated.
70
FRS1
EXZD
TS16RA TS16LOS TS16AIS TS16LFA
XLS
XLO
(4D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com