Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 292 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 292 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 288Page - Infineon Technologies AG PEB2256HT Datasheet HTML 289Page - Infineon Technologies AG PEB2256HT Datasheet HTML 290Page - Infineon Technologies AG PEB2256HT Datasheet HTML 291Page - Infineon Technologies AG PEB2256HT Datasheet HTML 292Page - Infineon Technologies AG PEB2256HT Datasheet HTML 293Page - Infineon Technologies AG PEB2256HT Datasheet HTML 294Page - Infineon Technologies AG PEB2256HT Datasheet HTML 295Page - Infineon Technologies AG PEB2256HT Datasheet HTML 296Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
292
2002-08-27
LFA
Loss of Frame Alignment
This bit is set after detecting 3 or 4 consecutive incorrect FAS words
or 3 or 4 consecutive incorrect service words (can be disabled). With
the rising edge of this bit an interrupt status bit (ISR2.LFA) is set. The
specification of the loss of synchronization conditions is done by bits
RC0.SWD and RC0.ASY4. After loss of synchronization, the frame
aligner resynchronizes automatically.
The following conditions have to be detected to regain synchronous
state:
– The presence of the correct FAS word in frame n.
– The presence of the correct service word (bit 2 = 1) in frame n+1.
– For a second time the presence of a correct FAS word in frame
n+2.
The bit is cleared when synchronization has been regained (directly
after the second correct FAS word of the procedure described above
has been received).
If the CRC-multiframe structure is enabled by setting bit FMR2.RFS1,
multiframe
alignment
is
assumed
to
be
lost
if
pulseframe
synchronization has been lost. The resynchronization procedure for
multiframe alignment starts after the bit FRS0.LFA has been cleared.
Multiframe alignment has been regained if two consecutive CRC-
multiframes have been received without a framing error (refer to
FRS0.LMFA).
The bit is set during alarm simulation and reset if FMR0.SIM is
cleared and no alarm condition exists.
If bit FRS0.LFA is cleared a loss of frame alignment recovery interrupt
status ISR2.FAR is generated.
RRA
Receive Remote Alarm
Set if bit 3 of the received service word is set. An alarm interrupt status
ISR2.RA can be generated if the alarm condition is detected.
FRS0.RRA is cleared if no alarm is detected. At the same time a
remote alarm recovery interrupt status ISR2.RAR is generated.
The bit RSW.RRA has the same function.
Both status and interrupt status bits are set during alarm simulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com