Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 295 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 295 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 291Page - Infineon Technologies AG PEB2256HT Datasheet HTML 292Page - Infineon Technologies AG PEB2256HT Datasheet HTML 293Page - Infineon Technologies AG PEB2256HT Datasheet HTML 294Page - Infineon Technologies AG PEB2256HT Datasheet HTML 295Page - Infineon Technologies AG PEB2256HT Datasheet HTML 296Page - Infineon Technologies AG PEB2256HT Datasheet HTML 297Page - Infineon Technologies AG PEB2256HT Datasheet HTML 298Page - Infineon Technologies AG PEB2256HT Datasheet HTML 299Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
295
2002-08-27
XLS
Transmit Line Short
Significant only if the ternary line interface is selected by
LIM1.DRS = 0.
0 =
Normal operation. No short is detected.
1 =
The XL1 and XL2 are shortened for at least 3 pulses. As a
reaction of the short the pins XL1 and XL2 are automatically
forced into a high-impedance state if bit XPM2.DAXLT is reset.
After 128 consecutive pulse periods the outputs XL1/2 are
activated again and the internal transmit current limiter is
checked. If a short between XL1/2 is still further active the
outputs XL1/2 are in high-impedance state again. When the
short disappears pins XL1/2 are activated automatically and
this bit is reset. With any change of this bit an interrupt
ISR1.XLSC is generated. In case of XPM2.XLT is set this bit is
frozen.
XLO
Transmit Line Open
0 =
Normal operation
1 =
This bit is set if at least 32 consecutive zeros were sent on pins
XL1/XL2 or XDOP/XDON. This bit is reset with the first
transmitted pulse. With the rising edge of this bit an interrupt
ISR1.XLSC is set. In case of XPM2.XLT is set this bit is frozen.
Receive Service Word Pulseframe (Read)
RSI
Receive Spare Bit for International Use
First bit of the received service word. It is fixed to one if CRC-
multiframe mode is enabled.
RRA
Receive Remote Alarm
Equivalent to bit FRS0.RRA.
RY(4:0)
Receive Spare Bits for National Use (Y-Bits, S
n-Bits, Sa-Bits)
70
RSW
RSI
RRA
RY0
RY1
RY2
RY3
RY4
(4E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com