Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 296 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 296 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 292Page - Infineon Technologies AG PEB2256HT Datasheet HTML 293Page - Infineon Technologies AG PEB2256HT Datasheet HTML 294Page - Infineon Technologies AG PEB2256HT Datasheet HTML 295Page - Infineon Technologies AG PEB2256HT Datasheet HTML 296Page - Infineon Technologies AG PEB2256HT Datasheet HTML 297Page - Infineon Technologies AG PEB2256HT Datasheet HTML 298Page - Infineon Technologies AG PEB2256HT Datasheet HTML 299Page - Infineon Technologies AG PEB2256HT Datasheet HTML 300Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
296
2002-08-27
Receive Spare Bits/Additional Status (Read)
SI(2:1)
Submultiframe Error Indication 1, 2
Not valid if doubleframe format is enabled. In this case, both bits are
set.
When using CRC-multiframe format these bits are set to
0 =
If multiframe alignment has been lost, or if the last multiframe
has been received with CRC error(s).
SI1 flags a CRC error in last submultiframe 1, SI2 flags a CRC
error in last submultiframe 2.
1 =
If at multiframe synchronous state last assigned submultiframe
has been received without a CRC error.
Both flags are updated with the beginning of every received CRC
multiframe.
If automatic transmission of submultiframe status is enabled by
setting
bit
XSP.AXS,
above
status
information
is
inserted
automatically in S
i-bit position of every outgoing CRC multiframe
(under the condition that time slot 0 transparent modes are both
disabled):
SI1
→ S
i -bit of frame 13, SI2 → Si -bit of frame 15.
LLBDD
Line Loop-Back Deactivation Signal Detected
This bit is set in case of the LLB deactivate signal is detected and then
received over a period of more than 25 ms with a bit error rate less
than 10
-2. The bit remains set as long as the bit error rate does not
exceed 10
-2.
If framing is aligned, the time slot 0 is not taken into account for the
error rate calculation.
Any change of this bit causes an LLBSC interrupt.
LLBAD
Line Loop-Back Activation Signal Detected
Depending on bit LCR1.EPRM the source of this status bit changed.
LCR1.EPRM = 0: This bit is set in case of the LLB activate signal is
detected and then received over a period of more than 25 ms with a
bit error rate less than 10
-2. The bit remains set as long as the bit error
rate does not exceed 10
-2.
70
RSP
SI1
SI2
LLBDD
LLBAD
RSIF
RS13
RS15
(4F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com