Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 293 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 293 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 289Page - Infineon Technologies AG PEB2256HT Datasheet HTML 290Page - Infineon Technologies AG PEB2256HT Datasheet HTML 291Page - Infineon Technologies AG PEB2256HT Datasheet HTML 292Page - Infineon Technologies AG PEB2256HT Datasheet HTML 293Page - Infineon Technologies AG PEB2256HT Datasheet HTML 294Page - Infineon Technologies AG PEB2256HT Datasheet HTML 295Page - Infineon Technologies AG PEB2256HT Datasheet HTML 296Page - Infineon Technologies AG PEB2256HT Datasheet HTML 297Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
293
2002-08-27
NMF
No Multiframe Alignment Found
This bit is only valid if the CRC4 interworking is selected
(FMR2.RFS(1:0) = 11). Set if the multiframe pattern is not detected in
a time interval of 400 ms after the framer has reached the
doubleframe synchronous state. The receiver is then automatically
switched to doubleframe format.
This bit is reset if the basic framing has been lost.
LMFA
Loss of Multiframe Alignment
Not used in doubleframe format (FMR2.RFS1 = 0). In this case LMFA
is set.
In CRC-multiframe mode (FMR2.RFS1 = 1), this bit is set
– if force resynchronization is initiated by setting bit FMR0.FRS, or
– if multiframe force resynchronization is initiated by setting bit
FMR1.MFCS, or
– if pulseframe alignment has been lost (FRS0.LFA).
It is reset if two CRC-multiframes have been received at an interval of
n
× 2 ms (n = 1, 2, 3 and so forth) without a framing error.
If bit FRS0.LMFA is cleared a loss of multiframe alignment recovery
interrupt status ISR2.MFAR is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com