Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 290 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 290 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 286Page - Infineon Technologies AG PEB2256HT Datasheet HTML 287Page - Infineon Technologies AG PEB2256HT Datasheet HTML 288Page - Infineon Technologies AG PEB2256HT Datasheet HTML 289Page - Infineon Technologies AG PEB2256HT Datasheet HTML 290Page - Infineon Technologies AG PEB2256HT Datasheet HTML 291Page - Infineon Technologies AG PEB2256HT Datasheet HTML 292Page - Infineon Technologies AG PEB2256HT Datasheet HTML 293Page - Infineon Technologies AG PEB2256HT Datasheet HTML 294Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
290
2002-08-27
Version Status Register (Read)
VN(7:0)
Version Number of Chip
00
H =Version 1.2
Receive Equalizer Status (Read)
EV(1:0)
Equalizer Status Valid
These bits informs the user about the current state of the receive
equalization network. Only valid if LIM1.EQON is set.
00 = Equalizer status not valid, still adapting
01 = Equalizer status valid
10 = Equalizer status not valid
11 = Equalizer status valid but high noise floor
RES(4:0)
Receive Equalizer Status
The current line attenuation status in steps of about 1.7 dB are
displayed in these bits. Only valid if bits EV(1:0) = 01 and
LIM1.EQON = 1. Accuracy: ± 2 digits, based on temperature
influence and noise amplitude variations.
00000 = Minimum attenuation: 0 dB
...
11001 = Maximum attenuation: -43 dB
70
VSTR
VN7
VN0
(4A)
70
RES
EV1
EV0
RES4
RES3
RES2
RES1
RES0
(4B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com