Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 287 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 287 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 283Page - Infineon Technologies AG PEB2256HT Datasheet HTML 284Page - Infineon Technologies AG PEB2256HT Datasheet HTML 285Page - Infineon Technologies AG PEB2256HT Datasheet HTML 286Page - Infineon Technologies AG PEB2256HT Datasheet HTML 287Page - Infineon Technologies AG PEB2256HT Datasheet HTML 288Page - Infineon Technologies AG PEB2256HT Datasheet HTML 289Page - Infineon Technologies AG PEB2256HT Datasheet HTML 290Page - Infineon Technologies AG PEB2256HT Datasheet HTML 291Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
287
2002-08-27
64
SIS
R
Signaling Status Register
307
65
RSIS
R
Receive Signaling Status Register
308
66
RBCL
R
Receive Byte Control Low
310
67
RBCH
R
Receive Byte Control High
310
68
ISR0
R
Interrupt Status Register 0
310
69
ISR1
R
Interrupt Status Register 1
312
6A
ISR2
R
Interrupt Status Register 2
314
6B
ISR3
R
Interrupt Status Register 3
316
6C
ISR4
R
Interrupt Status Register 4
317
6D
ISR5
R
Interrupt Status Register 5
319
6E
GIS
R
Global Interrupt Status
321
70
RS1
R
Receive CAS Register 1
322
71
RS2
R
Receive CAS Register 2
322
72
RS3
R
Receive CAS Register 3
322
73
RS4
R
Receive CAS Register 4
322
74
RS5
R
Receive CAS Register 5
322
75
RS6
R
Receive CAS Register 6
322
76
RS7
R
Receive CAS Register 7
322
77
RS8
R
Receive CAS Register 8
322
78
RS9
R
Receive CAS Register 9
322
79
RS10
R
Receive CAS Register 10
322
7A
RS11
R
Receive CAS Register 11
322
7B
RS12
R
Receive CAS Register 12
322
7C
RS13
R
Receive CAS Register 13
322
7D
RS14
R
Receive CAS Register 14
322
7E
RS15
R
Receive CAS Register 15
322
7F
RS16
R
Receive CAS Register 16
322
90
RBC2
R
Receive Byte Count Register 2
323
91
RBC3
R
Receive Byte Count Register 3
323
98
SIS2
R
Signaling Status Register 2
323
Table 61
E1 Status Register Address Arrangement (cont’d)
Address
Register
Type Comment
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com