Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 291 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 291 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 287Page - Infineon Technologies AG PEB2256HT Datasheet HTML 288Page - Infineon Technologies AG PEB2256HT Datasheet HTML 289Page - Infineon Technologies AG PEB2256HT Datasheet HTML 290Page - Infineon Technologies AG PEB2256HT Datasheet HTML 291Page - Infineon Technologies AG PEB2256HT Datasheet HTML 292Page - Infineon Technologies AG PEB2256HT Datasheet HTML 293Page - Infineon Technologies AG PEB2256HT Datasheet HTML 294Page - Infineon Technologies AG PEB2256HT Datasheet HTML 295Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
291
2002-08-27
Framer Receive Status Register 0 (Read)
LOS
Loss-of-Signal
Detection:
This bit is set when the incoming signal has “no transitions” (analog
interface) or logical zeros (digital interface) in a time interval of T
consecutive pulses, where T is programmable by register PCD.
Total account of consecutive pulses: 16 < T < 4096.
Analog interface: The receive signal level where “no transition” is
declared is defined by the programmed value of LIM1.RIL(2:0).
Recovery:
Analog interface: The bit is reset in short-haul mode when the
incoming signal has transitions with signal levels greater than the
programmed receive input level (LIM1.RIL(2:0)) for at least M pulse
periods defined by register PCR in the PCD time interval. In long-haul
mode additionally bit RES.6 must be set for at least 250µsec.
Digital interface: The bit is reset when the incoming data stream
contains at least M ones defined by register PCR in the PCD time
interval.
With the rising edge of this bit an interrupt status bit (ISR2.LOS) is set.
The bit is also set during alarm simulation and reset, if FMR0.SIM is
cleared and no alarm condition exists.
AIS
Alarm Indication Signal
The function of this bit is determined by FMR0.ALM.
FMR0.ALM = 0: This bit is set when two or less zeros in the received
bit stream are detected in a time interval of 250
µs and the FALC56 is
in asynchronous state (FRS0.LFA = 1). The bit is reset when no
alarm condition is detected (according to ETSI standard).
FMR0.ALM = 1: This bit is set when the incoming signal has two or
less Zeros in each of two consecutive double frame period (512 bits).
This bit is cleared when each of two consecutive doubleframe periods
contain three or more zeros or when the frame alignment signal FAS
has been found. (ITU-T G.775)
The bit is also set during alarm simulation and reset if FMR0.SIM is
cleared and no alarm condition exists.
With the rising edge of this bit an interrupt status bit (ISR2.AIS) is set.
70
FRS0
LOS
AIS
LFA
RRA
NMF
LMFA
(4C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com