Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 289 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 289 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 285Page - Infineon Technologies AG PEB2256HT Datasheet HTML 286Page - Infineon Technologies AG PEB2256HT Datasheet HTML 287Page - Infineon Technologies AG PEB2256HT Datasheet HTML 288Page - Infineon Technologies AG PEB2256HT Datasheet HTML 289Page - Infineon Technologies AG PEB2256HT Datasheet HTML 290Page - Infineon Technologies AG PEB2256HT Datasheet HTML 291Page - Infineon Technologies AG PEB2256HT Datasheet HTML 292Page - Infineon Technologies AG PEB2256HT Datasheet HTML 293Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
289
2002-08-27
9.4
Detailed Description of E1 Status Registers
Receive FIFO - HDLC Channel 1 (Read)
Reading data from RFIFO of HDLC channel 1 can be done in an 8-bit (byte) or 16-bit
(word) access depending on the selected bus interface mode. The LSB is received first
from the serial interface.
The size of the accessible part of RFIFO is determined by programming the bits
CCR1.RFT(1:0) (RFIFO threshold level). It can be reduced from 32 bytes (reset value)
down to 2 bytes (four values: 32, 16, 4, 2 bytes).
Data Transfer
Up to 32 bytes/16 words of received data can be read from the RFIFO following an RPF
or an RME interrupt.
RPF Interrupt: A fixed number of bytes/words to be read (32, 16, 4, 2 bytes). The
message is not yet complete.
RME Interrupt: The message is completely received. The number of valid bytes is
determined by reading the RBCL, RBCH registers.
RFIFO is released by issuing the RMC (Receive Message Complete) command.
Receive Buffer Delay (Read)
RBD(5:0)
Receive Elastic Buffer Delay
These bits informs the user about the current delay (in time slots)
through the receive elastic buffer. The delay is updated every 512 or
256 bits (SIC1.RBS(1:0)). Before reading this register the user has to
set bit DEC.DRBD in order to halt the current value of this register.
After reading RBD updating of this register is enabled. Not valid if the
receive buffer is bypassed.
000000 = Delay < 1 time slot
...
111111 = Delay > 63 time slots
70
RFIFO
RF7
RF0
(00)
RFIFO
RF15
RF8
(01)
70
RBD
RBD5
RBD4
RBD3
RBD2
RBD1
RBD0
(49)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com