Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 286 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 286 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 282Page - Infineon Technologies AG PEB2256HT Datasheet HTML 283Page - Infineon Technologies AG PEB2256HT Datasheet HTML 284Page - Infineon Technologies AG PEB2256HT Datasheet HTML 285Page - Infineon Technologies AG PEB2256HT Datasheet HTML 286Page - Infineon Technologies AG PEB2256HT Datasheet HTML 287Page - Infineon Technologies AG PEB2256HT Datasheet HTML 288Page - Infineon Technologies AG PEB2256HT Datasheet HTML 289Page - Infineon Technologies AG PEB2256HT Datasheet HTML 290Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
286
2002-08-27
9.3
E1 Status Register Addresses
Table 61
E1 Status Register Address Arrangement
Address
Register
Type Comment
Page
00
RFIFO
R
Receive FIFO
289
01
RFIFO
R
Receive FIFO
289
49
RBD
R
Receive Buffer Delay
289
4A
VSTR
R
Version Status Register
290
4B
RES
R
Receive Equalizer Status
290
4C
FRS0
R
Framer Receive Status 0
291
4D
FRS1
R
Framer Receive Status 1
294
4E
RSW
R
Receive Service Word
295
4F
RSP
R
Receive Spare Bits
296
50
FECL
R
Framing Error Counter Low
298
51
FECH
R
Framing Error Counter High
298
52
CVCL
R
Code Violation Counter Low
299
53
CVCH
R
Code Violation Counter High
299
54
CEC1L
R
CRC Error Counter 1 Low
300
55
CEC1H
R
CRC Error Counter 1 High
300
56
EBCL
R
E-Bit Error Counter Low
301
57
EBCH
R
E-Bit Error Counter High
301
58
CEC2L
R
CRC Error Counter 2 Low
302
59
CEC2H
R
CRC Error Counter 2 High
302
5A
CEC3L
R
CRC Error Counter 3 Low
303
5B
CEC3H
R
CRC Error Counter 3 High
303
5C
RSA4
R
Receive S
a4-Bit Register
304
5D
RSA5
R
Receive S
a5-Bit Register
304
5E
RSA6
R
Receive S
a6-Bit Register
304
5F
RSA7
R
Receive S
a7-Bit Register
304
60
RSA8
R
Receive S
a8-Bit Register
304
61
RSA6S
R
Receive S
a6-Bit Status Register
305
62
RSP1
R
Receive Signaling Pointer 1
306
63
RSP2
R
Receive Signaling Pointer 2
306



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com