Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 282 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 282 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 278Page - Infineon Technologies AG PEB2256HT Datasheet HTML 279Page - Infineon Technologies AG PEB2256HT Datasheet HTML 280Page - Infineon Technologies AG PEB2256HT Datasheet HTML 281Page - Infineon Technologies AG PEB2256HT Datasheet HTML 282Page - Infineon Technologies AG PEB2256HT Datasheet HTML 283Page - Infineon Technologies AG PEB2256HT Datasheet HTML 284Page - Infineon Technologies AG PEB2256HT Datasheet HTML 285Page - Infineon Technologies AG PEB2256HT Datasheet HTML 286Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
282
2002-08-27
EO1(1:0)
Even/Odd frame selection HDLC Channel 1
Channel 1 HDLC protocol data can be sent in even, odd or both
frames of a multiframe.
00 = Even and odd frames
01 = Odd frames only
10 = Even frames only
11 = Undefined
EO2(1:0)
Even/Odd frame selection HDLC Channel 2
Channel 2 HDLC protocol data can be sent in even, odd or both
frames of a multiframe.
00 = Even and odd frames
01 = Odd frames only
10 = Even frames only
11 = Undefined
EO3(1:0)
Even/Odd frame selection HDLC Channel 3
Channel 3 HDLC protocol data can be sent in even, odd or both
frames of a multiframe.
00 = Even and odd frames
01 = Odd frames only
10 = Even frames only
11 = Undefined
Time Slot Bit Select 1 (Read/Write)
Value after reset: FF
H
TSB1(7:0)
Time Slot Bit Selection - HDLC Channel 1
Only bits selected by this register are used for HDLC channel 1 in
selected time slots. Time slot selection is done by setting the
appropriate bits in registers TTR(4:1) and RTR(4:1) independently
for receive and transmit direction. Bit selection is common to receive
and transmit direction. By default all bit positions within the selected
time slot(s) are enabled.
0 = Bit position x in selected time slot(s) is not used for HDLC
channel 1 reception and transmission.
70
TSBS1
TSB17
TSB16
TSB15
TSB14
TSB13
TSB12
TSB11
TSB10
(A1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com