Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 306 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 306 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 302Page - Infineon Technologies AG PEB2256HT Datasheet HTML 303Page - Infineon Technologies AG PEB2256HT Datasheet HTML 304Page - Infineon Technologies AG PEB2256HT Datasheet HTML 305Page - Infineon Technologies AG PEB2256HT Datasheet HTML 306Page - Infineon Technologies AG PEB2256HT Datasheet HTML 307Page - Infineon Technologies AG PEB2256HT Datasheet HTML 308Page - Infineon Technologies AG PEB2256HT Datasheet HTML 309Page - Infineon Technologies AG PEB2256HT Datasheet HTML 310Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
306
2002-08-27
S_A
Receive S
a6-Bit Status: "1010"
Receive S
a6-bit status “1010” is detected for three times in a row in
the S
a6-bit positions.
S_8
Receive S
a6-Bit Status: "1000"
Receive S
a6-bit status “1000” is detected for three times in a row in
the S
a6-bit positions.
Receive Signaling Pointer 1 (Read)
Value after reset: 00H
RS(8:1)C
Receive Signaling Register RS(8:1) Changed
A one in each bit position indicates that the received signaling data in
the corresponding RS(8:1) registers are updated. Bit RS1C is the
pointer for register RS1, while RS8C points to RS8.
Receive Signaling Pointer 2 (Read)
Value after reset: 00H
RS(16:9)C
Receive Signaling Register RS9-16 Changed
A one in each bit position indicates that the received signaling data in
the corresponding RS9-16 registers are updated. Bit RS9C is the
pointer for register RS9, while RS16C points to RS16.
70
RSP1
RS8C
RS7C
RS6C
RS5C
RS4C
RS3C
RS2C
RS1C
(62)
70
RSP2
RS16C
RS15C
RS14C
RS13C
RS12C
RS11C
RS10C
RS9C
(63)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com