Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 311 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 311 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 307Page - Infineon Technologies AG PEB2256HT Datasheet HTML 308Page - Infineon Technologies AG PEB2256HT Datasheet HTML 309Page - Infineon Technologies AG PEB2256HT Datasheet HTML 310Page - Infineon Technologies AG PEB2256HT Datasheet HTML 311Page - Infineon Technologies AG PEB2256HT Datasheet HTML 312Page - Infineon Technologies AG PEB2256HT Datasheet HTML 313Page - Infineon Technologies AG PEB2256HT Datasheet HTML 314Page - Infineon Technologies AG PEB2256HT Datasheet HTML 315Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
311
2002-08-27
The complete message length can be determined reading the RBCH,
RBCL registers, the number of bytes currently stored in RFIFO is
given by RBC(4:0). Additional information is available in the RSIS
register.
RFS
Receive Frame Start - HDLC Channel 1
This is an early receiver interrupt activated after the start of a valid
frame has been detected, i.e. after an address match (in operation
modes providing address recognition), or after the opening flag
(transparent mode 0) is detected, delayed by two bytes. After an RFS
interrupt, the contents of
• RAL1
• RSIS bits 3 to 1
are valid and can be read by the CPU.
T8MS
Receive Time Out 8 ms
Only active if multiframing is enabled.
The
framer
has
found
the
double
framing
(basic
framing)
FRS0.LFA = 0 and is searching for the multiframing. This interrupt is
set to indicate that no multiframing was found within a time window of
8 ms. In multiframe synchronous state this interrupt is not generated.
Refer also to floating multiframe alignment window.
RMB
Receive Multiframe Begin
This bit is set with the beginning of a received CRC multiframe related
to the internal receive line timing.
In CRC multiframe format FMR2.RFS1 = 1 or in doubleframe format
FMR2.RFS(1:0) = 01
this
interrupt
occurs
every
2
ms.
If
FMR2.RFS(1:0) = 00 this interrupt is generated every doubleframe
(512 bits).
CASC
Received CAS Information Changed
This bit is set with the updating of a received CAS multiframe
information in the registers RS(16:1). If the last received CAS
information is different to the previous received one, this interrupt is
generated after update has been completed. This interrupt only
occurs only in TS0 and TS16 synchronous state. The registers
RS(16:1) should be read within the next 2 ms otherwise the contents
is lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com