Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 348 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 348 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 344Page - Infineon Technologies AG PEB2256HT Datasheet HTML 345Page - Infineon Technologies AG PEB2256HT Datasheet HTML 346Page - Infineon Technologies AG PEB2256HT Datasheet HTML 347Page - Infineon Technologies AG PEB2256HT Datasheet HTML 348Page - Infineon Technologies AG PEB2256HT Datasheet HTML 349Page - Infineon Technologies AG PEB2256HT Datasheet HTML 350Page - Infineon Technologies AG PEB2256HT Datasheet HTML 351Page - Infineon Technologies AG PEB2256HT Datasheet HTML 352Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
348
2002-08-27
ECM
Error Counter Mode
The function of the error counters (FEC,CEC,CVC,EBC) is
determined by this bit.
0
= Before reading an error counter the corresponding bit in the
Disable Error Counter register (DEC) has to be set. In 8 bit
access the low byte of the error counter should always be read
before the high byte. The error counters are reset with the rising
edge of the corresponding bits in the DEC register.
1 =
Every
second
the
error
counter
is
latched
and
then
automatically reset. The latched error counter state should be
read within the next second. Reading the error counter during
updating should be avoided (do not access an error counter
within 1 µs after the one-second interrupt occurs).
SSD0
Select System Date Rate 0
SIC1.SSD1, FMR1.SSD0 and SIC2.SSC2 define the data rate on the
system highway. Programming SSD1/SSD0 and corresponding data
rate is shown below.
SIC2.SSC2 = 0:
00 =
2.048 Mbit/s
01 =
4.096 Mbit/s
10 =
8.192 Mbit/s
11 =
16.384 Mbit/s
SIC2.SSC2 = 1:
00 =
1.544 Mbit/s
01 =
3.088 Mbit/s
10 =
6.176 Mbit/s
11 =
12.352 Mbit/s
XAIS
Transmit AIS Towards Remote End
Sends AIS (blue alarm) on ports XL1, XL2 towards the remote end.
If Local Loop Mode is enabled the transmitted data is looped back to
the system internal highway without any changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com