Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 345 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 345 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 341Page - Infineon Technologies AG PEB2256HT Datasheet HTML 342Page - Infineon Technologies AG PEB2256HT Datasheet HTML 343Page - Infineon Technologies AG PEB2256HT Datasheet HTML 344Page - Infineon Technologies AG PEB2256HT Datasheet HTML 345Page - Infineon Technologies AG PEB2256HT Datasheet HTML 346Page - Infineon Technologies AG PEB2256HT Datasheet HTML 347Page - Infineon Technologies AG PEB2256HT Datasheet HTML 348Page - Infineon Technologies AG PEB2256HT Datasheet HTML 349Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
345
2002-08-27
Single Bit Defect Insertion Register (Read/Write)
Value after reset: 00
H
After setting the corresponding bit, the selected defect is inserted into the transmit data
stream at the next possible position. After defect insertion is completed, the bit is reset
automatically.
IFASE
Insert single FAS defect
IMFE
Insert single multiframe defect
ICRCE
Insert single CRC defect
ICASE
Insert single CAS defect
IPE
Insert single PRBS defect
IBV
Insert bipolar violation
Note: Except for CRC defects, CRC checksum calculation is done
after defect insertion.
Framer Mode Register 0 (Read/Write)
Value after reset: 00
H
XC(1:0)
Transmit Code
Serial line code for the transmitter, independent of the receiver.
00 = NRZ (optical interface)
01 = CMI (1T2B+B8ZS), (optical interface)
10 = AMI coding with Zero Code Suppression (ZCS, B7-stuffing).
Disabling of the ZCS is done by activating the clear channel
mode by register CCB(3:1). (ternary or digital interface)
11 = B8ZS Code (ternary or digital dual-rail interface).
After changing XC(1:0), a transmitter software reset is required
(CMDR.XRES = 1).
RC(1:0)
Receive Code
Serial code receiver is independent to the transmitter.
IERR
IFASE
IMFE
ICRCE
ICASE
IPE
IBV
(1B)
70
FMR0
XC1
XC0
RC1
RC0
FRS
SRAF
EXLS
SIM
(1C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com