Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 343 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 343 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 339Page - Infineon Technologies AG PEB2256HT Datasheet HTML 340Page - Infineon Technologies AG PEB2256HT Datasheet HTML 341Page - Infineon Technologies AG PEB2256HT Datasheet HTML 342Page - Infineon Technologies AG PEB2256HT Datasheet HTML 343Page - Infineon Technologies AG PEB2256HT Datasheet HTML 344Page - Infineon Technologies AG PEB2256HT Datasheet HTML 345Page - Infineon Technologies AG PEB2256HT Datasheet HTML 346Page - Infineon Technologies AG PEB2256HT Datasheet HTML 347Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
343
2002-08-27
Transmit Time Slot Register 1 to 4 (Read/Write)
Value after reset: 00
H, 00H, 00H, 00H
TS(31:0)
Transmit Time Slot Register
These bits define the transmit time slots on the system highway to be
inserted. Additionally these registers control the XSIGM marker which
can be forced high during the corresponding time slots independently
of bit CCR1.EITS.
A one in the TTR(4:1) bits inserts the corresponding time slot sourced
by the XFIFO in the data received on pin XDI, if bit CCR1.EITS is set.
If SIC3.TTRF is set and CCR1.EDLX/EITS = 00, insertion of data
received on port XSIG is controlled by this registers.
Assignments:
SIC2.SSC2 = 0: (32 time slots/frame)
TS0
→ time slot 0, TS31 → time slot 31
SIC2.SSC2 = 1: (24 time slots/frame)
TS0
→ time slot 0, TS23 → time slot 23
0
= The selected time slot is not inserted into the outgoing data
stream.
1 =
The contents of the selected time slot is inserted into the
outgoing data stream from XFIFO. This function is only active,
if bits CCR1.EITS is set.
The corresponding time slot are forced high on marker pin
XSIGM.
70
TTR1
TS0
TS1
TS2
TS3
TS4
TS5
TS6
TS7
(10)
TTR2
TS8
TS9
TS10
TS11
TS12
TS13
TS14
TS15
(11)
TTR3
TS16
TS17
TS18
TS19
TS20
TS21
TS22
TS23
(12)
TTR4
TS24
TS25
TS26
TS27
TS28
TS29
TS30
TS31
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com