Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 340 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 340 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 336Page - Infineon Technologies AG PEB2256HT Datasheet HTML 337Page - Infineon Technologies AG PEB2256HT Datasheet HTML 338Page - Infineon Technologies AG PEB2256HT Datasheet HTML 339Page - Infineon Technologies AG PEB2256HT Datasheet HTML 340Page - Infineon Technologies AG PEB2256HT Datasheet HTML 341Page - Infineon Technologies AG PEB2256HT Datasheet HTML 342Page - Infineon Technologies AG PEB2256HT Datasheet HTML 343Page - Infineon Technologies AG PEB2256HT Datasheet HTML 344Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
340
2002-08-27
RFT(1:0)
RFIFO Threshold Level - HDLC Channel 1
The size of the accessible part of RFIFO can be determined by
programming these bits. The number of valid bytes after an RPF
interrupt is given in the following table:
The value of RFT 1,0 can be changed dynamically
– If reception is not running or
– after the current data block has been read, but before the command
CMDR.RMC is issued (interrupt controlled data transfer).
Note: It is seen that changing the value of RFT1,0 is possible even
during the reception of one frame. The total length of the
received frame can be always read directly in RBCL, RBCH
after an RPF interrupt, except when the threshold is increased
during reception of that frame. The real length can then be
inferred by noting which bit positions in RBCL are reset by an
RMC command (see table below):
RFT1
RFT0
Size of Accessible Part of RFIFO
0
0
1
1
0
1
0
1
32 bytes (reset value)
16 bytes
4 bytes
2 bytes
RFT1
RFT0
Bit Positions in RBCL Reset by a
CMDR.RMC Command
0
0
1
1
0
1
0
1
RBC(4:0)
RBC(3:0)
RBC(1:0)
RBC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com