Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 339 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 339 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 335Page - Infineon Technologies AG PEB2256HT Datasheet HTML 336Page - Infineon Technologies AG PEB2256HT Datasheet HTML 337Page - Infineon Technologies AG PEB2256HT Datasheet HTML 338Page - Infineon Technologies AG PEB2256HT Datasheet HTML 339Page - Infineon Technologies AG PEB2256HT Datasheet HTML 340Page - Infineon Technologies AG PEB2256HT Datasheet HTML 341Page - Infineon Technologies AG PEB2256HT Datasheet HTML 342Page - Infineon Technologies AG PEB2256HT Datasheet HTML 343Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
339
2002-08-27
EITS
Enable Internal Time Slot 0 to 31 Signaling - HDLC Channel 1
0 =
Internal signaling in time slots 0 to 31 defined by registers
RTR(4:1) or TTR(4:1) is disabled.
1 =
Internal signaling in time slots 0 to 31 defined by registers
RTR(4:1) or TTR(4:1) is enabled.
ITF
Interframe Time Fill - HDLC Channel 1
Determines the idle (= no data to be sent) state of the transmit data
coming from the signaling controller.
0
= Continuous logical 1 is output
1
= Continuous flag sequences are output (01111110 bit patterns)
XMFA
Transmit Multiframe Aligned - HDLC Channel 1
Determines the synchronization between the framer and the
corresponding signaling controller.
0 =
The contents of the XFIFO is transmitted without multiframe
alignment.
1 =
The contents of the XFIFO is transmitted multiframe aligned.
If CCR1.EDLXis set, transmission of DL-bits is started in F72
format with frame 26. The first byte in XFIFO is transmitted in
the first time slot selected by TTR(4:1) and so on.
After receiving a complete multiframe in the time slot mode
(RTR(4:1)) an ISR0.RME interrupt is generated, if no HDLC or
BOM mode is enabled. In DL-bit access (CCR1.EDLX/
EITS = 10) XMFA is not valid.
Note: During the transmission of the XFIFO content, the SYPX or
XMFS interval time should not be changed, otherwise the
XFIFO data has to be retransmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com