Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 341 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 341 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 337Page - Infineon Technologies AG PEB2256HT Datasheet HTML 338Page - Infineon Technologies AG PEB2256HT Datasheet HTML 339Page - Infineon Technologies AG PEB2256HT Datasheet HTML 340Page - Infineon Technologies AG PEB2256HT Datasheet HTML 341Page - Infineon Technologies AG PEB2256HT Datasheet HTML 342Page - Infineon Technologies AG PEB2256HT Datasheet HTML 343Page - Infineon Technologies AG PEB2256HT Datasheet HTML 344Page - Infineon Technologies AG PEB2256HT Datasheet HTML 345Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
341
2002-08-27
Common Configuration Register 2 (Read/Write)
Value after reset: 00
H
Unused bits have to be cleared.
RADD
Receive Address Pushed to RFIFO - HDLC Channel 1
If this bit is set, the received HDLC address information (1 or 2 bytes,
depending on the address mode selected by MODE.MDS0) is pushed
to RFIFO. This function is applicable in non-auto mode and
transparent mode 1. RADD must be set, if SS7 mode is selected.
RBFE
Receive BOM Filter Enable - HDLC Channel 1
Setting this bit the bit oriented message (BOM) receiver only accepts
BOM frames after detecting 7 out of 10 equal BOM pattern. The BOM
pattern is stored in the RFIFO adding a receive status byte marking a
BOM frame (RSIS.HFR) and an interrupt ISR0.RME is generated.
The current state of the BOM receiver is indicated in register SIS.IVB.
When the valid BOM pattern disappears an interrupt ISR0.BIV is
generated.
RCRC
Receive CRC on/off - HDLC Channel 1
Only applicable in non-auto mode.
If this bit is set, the received CRC checksum is written to RFIFO
(CRC-ITU-T: 2 bytes). The checksum, consisting of the 2 last bytes in
the received frame, is followed in the RFIFO by the status information
byte (contents of register RSIS). The received CRC checksum is
additionally checked for correctness. If non-auto mode is selected,
the limits for “valid frame” check are modified (refer to RSIS.VFR).
XCRC
Transmit CRC on/off - HDLC Channel 1
If this bit is set, the CRC checksum is not generated internally. It has
to be written as the last two bytes in the transmit FIFO (XFIFO). The
transmitted frame is closed automatically with a closing flag.
Note: The FALC56 does not check whether the length of the frame,
i.e., the number of bytes to be transmitted, makes sense or
not.
70
CCR2
RADD
RBFE
RCRC
XCRC
(0A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com