Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 338 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 338 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 334Page - Infineon Technologies AG PEB2256HT Datasheet HTML 335Page - Infineon Technologies AG PEB2256HT Datasheet HTML 336Page - Infineon Technologies AG PEB2256HT Datasheet HTML 337Page - Infineon Technologies AG PEB2256HT Datasheet HTML 338Page - Infineon Technologies AG PEB2256HT Datasheet HTML 339Page - Infineon Technologies AG PEB2256HT Datasheet HTML 340Page - Infineon Technologies AG PEB2256HT Datasheet HTML 341Page - Infineon Technologies AG PEB2256HT Datasheet HTML 342Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
338
2002-08-27
Interrupt Port Configuration (Read/Write)
Value after reset: 00
H
Unused bits have to be cleared.
SSYF
Select SYNC Frequency
Only applicable in master mode (LIM0.MAS = 1) and bit CMR2.DCF
is cleared.
0
= Reference clock on port SYNC is 1.544/2.048 MHz
(see LIM1.DCOC)
1
= Reference clock on port SYNC is 8 kHz
IC0, IC1
Interrupt Port Configuration
These bits define the function of the interrupt output stage (pin INT):
Common Configuration Register 1 (Read/Write)
Value after reset: 00
H
BRM
BOM Receive Mode - HDLC Channel 1
(significant in BOM mode only)
0
= 10-byte packets
1
= Continuous reception
EDLX
Enable DL-Bit Access through the Transmit FIFO - HDLC
Channel 1
A one in this bit position enables the internal DL-bit access through
the receive/transmit FIFO of the signaling controller. FMR1.EDL has
to be cleared.
70
IPC
SSYF
IC1
IC0
(08)
IC1
IC0
Function
X
0
1
0
1
1
Open drain output
Push/pull output, active low
Push/pull output, active high
70
CCR1
BRM
EDLX
EITS
ITF
XMFA
RFT1
RFT0
(09)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com